データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC72720 データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LC72720
部品情報  Single-Chip RDS Signal-Processing System LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72720 データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LC72720 Datasheet HTML 5Page - Sanyo Semicon Device LC72720 Datasheet HTML 6Page - Sanyo Semicon Device LC72720 Datasheet HTML 7Page - Sanyo Semicon Device LC72720 Datasheet HTML 8Page - Sanyo Semicon Device LC72720 Datasheet HTML 9Page - Sanyo Semicon Device LC72720 Datasheet HTML 10Page - Sanyo Semicon Device LC72720 Datasheet HTML 11Page - Sanyo Semicon Device LC72720 Datasheet HTML 12Page - Sanyo Semicon Device LC72720 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
No. 5602-9/14
LC72720, 72720M
8. RDS/RBDS (MMBS) selection (1 bit): RM
Initial value: RM = 0
—: Open, q
q, q: Output enabled (q = reverse polarity)
Initial values: PT0 = 1, PT1 = 1, PT2 = 0 (mode 3)
Caution: 1. When PT2 is set to 1, the polarity of the T3 (RDCL), T6 (ERROR/57K), T7 (CORREC/ARI-ID) SYNC, and RDS-ID pins changes to active
high.
2. The output pins (T3 to T7, SYNC, and RDS-ID) are all open-drain pins, and require external pull-up resistors to output data.
These pins indicate the number of blocks in a set of 48 blocks that had errors before correction. The output polarity of these pins is fixed at the values
listed in the table.
RM
RBDS support
Decoding method
0
None
Only RDS data is decoded correctly (Offset word E is not detected.)
1
Provided
RDS and MMBS data is decoded correctly (Offset word E is also detected.)
9. Output pin settings (3 bits): PT0 to PT2
These bits control the T3, T4, T5, T6, T7, SYNC, and RDS-ID pins.
P
P
P
T3
T4
T5
T6
T7
Mode
T
T
T
0
1
2
RDCL
RDDA
RSFT
ERROR
57K
BE1
CORREC
ARI-ID
BE0
0
0
0
0
1
1
0
0
q
q
q
q
q
q
2
0
1
0
q
q
q
q
q
q
q
q
q
q
3
1
1
0
q
q
q
q
q
q
q
q
q
q
4
0
0
1
q
q
q
q
5
1
0
1
q
q
q
q
q
6
0
1
1
q
q
q
q
q
q
q
7
1
1
1
q
q
q
q
q
q
q
Pin T3 (RDCL)
PT2 = 0
Data (RDDA and RSFT) changes on this pin’s rising edge.
PT2 = 1
Data (RDDA and RSFT) changes on this pin’s falling edge.
Mode 2 (PT2 = 0)
Pin T7 (ARI-ID)
No SK
High (1)
SK present
Low (0)
Mode 3 (PT2 = 0)
Pin T6 (ERROR)
Pin T7 (CORREC)
Correction not possible
Low (0)
Low (0)
Errors corrected
High (1)
Low (0)
No errors
High (1)
High (1)
Mode 4
Pin T6 (BE1)
Pin T7 (BE0)
Number of error blocks (B)
B = 0
Low (0)
Low (0)
1
≤ B ≤ 20
Low (0)
High (1)
20 < B
≤ 40
High (1)
Low (0)
40 < B
≤ 48
High (1)
High (1)


同様の部品番号 - LC72720

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72720NM SANYO-LC72720NM Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
logo
Sanyo Semicon Device
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
More results

同様の説明 - LC72720

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com