データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC72720 データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LC72720
部品情報  Single-Chip RDS Signal-Processing System LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72720 データシート(HTML) 4 Page - Sanyo Semicon Device

  LC72720 Datasheet HTML 1Page - Sanyo Semicon Device LC72720 Datasheet HTML 2Page - Sanyo Semicon Device LC72720 Datasheet HTML 3Page - Sanyo Semicon Device LC72720 Datasheet HTML 4Page - Sanyo Semicon Device LC72720 Datasheet HTML 5Page - Sanyo Semicon Device LC72720 Datasheet HTML 6Page - Sanyo Semicon Device LC72720 Datasheet HTML 7Page - Sanyo Semicon Device LC72720 Datasheet HTML 8Page - Sanyo Semicon Device LC72720 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
No. 5602-4/14
LC72720, 72720M
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
Vddd, Vdda
–0.3 to +7.0
V
VIN1 max
CL, DI, CE, SYR, T1, T2, T3, T4, T5, T6, T7, SYNC
–0.3 to +7.0
V
Maximum input voltage
VIN2 max
XIN
–0.3 to Vddd +0.3
V
VIN3 max
MPXIN, CIN
–0.3 to Vdda +0.3
V
VO1 max
DO, SYNC, RDS-ID, T3, T4, T5, T6, T7
–0.3 to +7.0
V
Maximum output voltage
VO2 max
XOUT
–0.3 to Vddd +0.3
V
VO3 max
FLOUT
–0.3 to Vdda +0.3
V
IO1 max
DO, T3, T4, T5, T6, T7
6.0
mA
Maximum output current
IO2 max
XOUT, FLOUT
3.0
mA
IO3 max
SYNC, RDS-ID
20.0
mA
Allowable power dissipation
Pd max
Ta
≤ 85°C
DIP24S:
350
mW
MFP24:
300
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, Vssd = Vssa = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD1
Vddd, Vdda
4.5
5.0
5.5
V
VDD2
Vddd: Serial data hold voltage
2.0
V
Input high-level voltage
VIH
CL, DI, CE, SYR, T1, T2
0.7 Vddd
6.5
V
Input low-level voltage
VIL
CL, DI, CE, SYR, T1, T2
0
0.3 Vddd
V
Output voltage
VO
DO, SYNC, RDS-ID, T3, T4, T5, T6, T7
6.5
V
VIN1
MPXIN : f = 57 ±2 kHz
50
mVrms
Input amplitude
VIN2
MPXIN : 100% modulation composite
100
mVrms
VXIN
XIN
400
1500
mVrms
Guaranteed crystal oscillator frequencies
Xtal
XIN, XOUT : CI
≤ 120 Ω (XS = 0)
4.332
MHz
XIN, XOUT : CI
≤ 70 Ω (XS = 1)
8.664
MHz
Crystal oscillator frequency deviation
TXtal
XIN, XOUT : fO = 4.322 MHz, 8.664 MHz
±100
ppm
Data setup time
tSU
DI, CL
0.75
µs
Data hold time
tHD
DI, CL
0.75
µs
Clock low-level time
tCL
CL
0.75
µs
Clock high-level time
tCH
CL
0.75
µs
CE wait time
tEL
CE, CL
0.75
µs
CE setup time
tES
CE, CL
0.75
µs
CE hold time
tEH
CE, CL
0.75
µs
CE high-level time
tCE
CE
20
ms
Data latch change time
tLC
1.15
µs
tDC
DO, CL: Differs depending on the value of the
0.46
µs
Data output time
pull-up resistor used.
tDH
DO, CE: Differs depending on the value of the
0.46
µs
pull-up resistor used.
Allowable Operating Ranges at Ta = –40 to +85°C, Vssd = Vssa = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input resistance
Rmpxin
MPXIN–Vssa : f = 57 kHz
23
k
Internal feedback resistance
Rf
XIN
1.0
M
Center frequency
fc
FLOUT
56.5
57.0
57.5
kHz
–3 dB bandwidth
BW – 3 dB FLOUT
2.5
3.0
3.5
kHz
Gain
Gain
MPXIN–FLOOUT : f = 57 kHz
28
31
34
dB
Att1
FLOUT :
∆f = ±7 kHz
30
dB
Stop band attenuation
Att2
FLOUT : f < 45 kHz, f > 70 kHz
40
dB
Att3
FLOUT : f < 20 kHz
50
dB
Electrical Characteristics at Ta = –40 to +85°C, Vssd = Vssa = 0 V
Continued on next page.


同様の部品番号 - LC72720

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72720NM SANYO-LC72720NM Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
logo
Sanyo Semicon Device
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
More results

同様の説明 - LC72720

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com