データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC72720M データシート(PDF) 7 Page - Sanyo Semicon Device

部品番号 LC72720M
部品情報  Single-Chip RDS Signal-Processing System LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72720M データシート(HTML) 7 Page - Sanyo Semicon Device

Back Button LC72720M Datasheet HTML 3Page - Sanyo Semicon Device LC72720M Datasheet HTML 4Page - Sanyo Semicon Device LC72720M Datasheet HTML 5Page - Sanyo Semicon Device LC72720M Datasheet HTML 6Page - Sanyo Semicon Device LC72720M Datasheet HTML 7Page - Sanyo Semicon Device LC72720M Datasheet HTML 8Page - Sanyo Semicon Device LC72720M Datasheet HTML 9Page - Sanyo Semicon Device LC72720M Datasheet HTML 10Page - Sanyo Semicon Device LC72720M Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CCB Input Data Format
Caution: The bits labeled with an asterisk must be set to 0.
1. Synchronization protection (forward protection) method setting (4 bits): FS0 to FS3
FS3 = 0: If offset words in the correct order could not be detected continuously during the number of blocks specified
by FS0 to FS2, take that to be a lost synchronization state.
FS3 = 1: If blocks with uncorrectable errors were received consecutively during the number of blocks specified by
FS0 to FS2, take that to be a lost synchronization state.
No. 5602-7/14
LC72720, 72720M
Initial value: FS0 = 0, FS1 = 1, FS2 = 0, FS3 = 0
Initial value: BS = 0
F
F
F
S
S
S
Condition for detecting lost synchronization
0
1
2
0
0
0
If 3 consecutive blocks matching the FS3 condition are received.
1
0
0
If 4 consecutive blocks matching the FS3 condition are received.
0
1
0
If 5 consecutive blocks matching the FS3 condition are received.
1
1
0
If 6 consecutive blocks matching the FS3 condition are received.
0
0
1
If 8 consecutive blocks matching the FS3 condition are received.
1
0
1
If 10 consecutive blocks matching the FS3 condition are received.
0
1
1
If 12 consecutive blocks matching the FS3 condition are received.
1
1
1
If 16 consecutive blocks matching the FS3 condition are received.
2. Synchronization detection method setting (1 bit): BS
BS
Synchronization detection conditions
0
If, during 3 blocks, 2 blocks of offset words were detected in the correct order.
1
If the offset words were detected in the correct order in 2 consecutive blocks.
[1] CCB address 6A
[2] CCB address 6B
IN1 data, first bit
IN2 data, first bit
(11) Circuit control
(5) Error correction method setting
(4) RAM write control
(3) Synchronization and RAM address reset
(2) Synchronization detection method setting
(1) Synchronization protection method setting
(10) Test mode settings
(9) Output pin settings
(8) RDS/RBDS selection
(7) Demodulation circuit phase control
(6) Crystal oscillator frequency selection
(11) Circuit control


同様の部品番号 - LC72720M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72720NM SANYO-LC72720NM Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
logo
Sanyo Semicon Device
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
More results

同様の説明 - LC72720M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com