データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC74411NE データシート(PDF) 8 Page - Sanyo Semicon Device

部品番号 LC74411NE
部品情報  PIP Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74411NE データシート(HTML) 8 Page - Sanyo Semicon Device

Back Button LC74411NE Datasheet HTML 4Page - Sanyo Semicon Device LC74411NE Datasheet HTML 5Page - Sanyo Semicon Device LC74411NE Datasheet HTML 6Page - Sanyo Semicon Device LC74411NE Datasheet HTML 7Page - Sanyo Semicon Device LC74411NE Datasheet HTML 8Page - Sanyo Semicon Device LC74411NE Datasheet HTML 9Page - Sanyo Semicon Device LC74411NE Datasheet HTML 10Page - Sanyo Semicon Device LC74411NE Datasheet HTML 11Page - Sanyo Semicon Device LC74411NE Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Pin Functions
Notes:The 64E pin numbers refer to the LC74411NE and the 64S pin numbers refer to the LC74411N.
The letter "S" in an inverter indicates Schmitt input characteristics.
No. 5519-8/14
LC74411N, LC74411NE
Pin No.
Pin
I/O
Connection
Function
Circuit type
64E
64S
13
21
RES
I
Initialization circuit
Reset
45
53
V-M
I
Main screen vertical synchronizing signal (negative polarity)
44
52
H-M
I
Synchronization separation Main screen horizontal synchronizing signal (negative polarity)
43
51
V-S
I
circuit IC
Sub-screen vertical synchronizing signal (negative polarity)
42
50
H-S
I
Sub-screen horizontal synchronizing signal (negative polarity)
14
22
SCL
I
Microcontroller
Serial clock
15
23
SDA
I/O
Microcontroller
Serial data
16
24
ADDR0
I
DV
SS
Must be connected to V
SS in normal operation.
17
25
ADDR1
I
DV
SS
19
27
PORT0
O
20
28
PORT1
O
21
29
PORT2
O
22
30
PORT3
O
General-purpose ports
23
31
PORT4
O
24
32
PORT5
O
25
33
PORT6
O
26
34
PORT7
O
27
35
D/A1
O
28
36
D/A2
O
29
37
D/A3
O
PWM D/A converter outputs
30
38
D/A4
O
31
39
D/A5
O
32
D/A6
O
36
44
FRAME
O
Analog circuits
Frame pulse output
35
43
SOUT
O
Analog circuits
Main/sub-screen switching signal
34
42
SOUT2
O
38
46
NC
No connection
39
47
NC
No connection
41
49
DV
DD
Power supply
Digital system power supply
40
48
DV
SS
Ground
Digital system power supply
64
8
YA-IN
I
Analog circuits
Sub-screen analog input (Y)
63
7
RA-IN
I
Analog circuits
Sub-screen analog input (R-Y)
62
6
BA-IN
I
Analog circuits
Sub-screen analog input (B-Y)
61
5
LVL-IN
I
Preset voltage
37
45
CLAMP
O
A/D converter clamp pulse
For use by user monitoring circuits
Continued on next page.


同様の部品番号 - LC74411NE

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC7441 SANYO-LC7441 Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
LC7441N SANYO-LC7441N Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
LC7441NE SANYO-LC7441NE Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
More results

同様の説明 - LC74411NE

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC7442 SANYO-LC7442 Datasheet
404Kb / 22P
   PIP Controller?
logo
NXP Semiconductors
SAB9077H PHILIPS-SAB9077H Datasheet
192Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 07
SAB9076H PHILIPS-SAB9076H Datasheet
235Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 13
logo
Motorola, Inc
MC44460 MOTOROLA-MC44460 Datasheet
442Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44461 MOTOROLA-MC44461 Datasheet
317Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
logo
NXP Semiconductors
SAB9081 PHILIPS-SAB9081 Datasheet
101Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
SAB9079HS PHILIPS-SAB9079HS Datasheet
183Kb / 48P
   Multistandard Picture-In-Picture PIP controller
2000 Jan 13
SAB9082 PHILIPS-SAB9082 Datasheet
102Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9080 PHILIPS-SAB9080 Datasheet
99Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9083 PHILIPS-SAB9083 Datasheet
104Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com