データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAR1212FPBZ0-1A データシート(PDF) 2 Page - Lineage Power Corporation

部品番号 CAR1212FPBZ0-1A
部品情報  1200 Watt 12V Front End Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAGEPOWER [Lineage Power Corporation]
ホームページ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1212FPBZ0-1A データシート(HTML) 2 Page - Lineage Power Corporation

  CAR1212FPBZ0-1A Datasheet HTML 1Page - Lineage Power Corporation CAR1212FPBZ0-1A Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.lineagepower.com/oem
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
2841 Dow Avenue
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
Tustin, CA 92780 USA
Shanghai, 201401 China
Phone: (972) 284-2000
Phone: (714) 544-6665
Phone: 021 6710 8910
CAR1212FP Series
1200 Watt +12V Front End Power Supply
rev 100506
OUTLINE DRAWING
P1
D1 D2 D3 D4 D5 D6
C1 C2 C3 C4 C5 C6
B1 B2 B3 B4 B5 B6
A1 A2 A3 A4 A5 A6
P2
P3
P4
P5
P6
P7
P8
P9
PART NUMBER DEFINITION GUIDE:
Examples:
CAR1212FPY0-1A:
1200W/12V Front End, 5 of 6 RoHS
CAR1212FPBZ0-1A
1200W/12V Front End, Bezel, 6 of 6 RoHS
CAR1212FPCY0-1A
1200W/12V Front End, I2C, 5 of 6 RoHS
CAR1212FPBCZ0-1A
1200W/12V Front End, I2C, Bezel, 6 of 6 RoHS
CAR 12 12 F P x xx -1A
Series
12=1200W
Output Current
B=Bezel Option
C=I2C Option
BC=Both Options
Options
Blank=Non-compliant
YO=5 of 6 Compliant
ZO=6 of 6 Compliant
RoHS
Rev.
12=12V
Output Voltage
F=Front End
Type
P=Positive
Polarity
PIN OUT INFORMATION
A1
Vstb (5V)
B4
PS Present
D1
V Prog
P4
+V1 Return
A2
Vstb (5V) Return
B5
Serial Data Line
D2
OVP Test Point
P5
+V1 Return
A3
Signal Return
B6
Serial Data Clock
D3
Remote On/Off
P6
+V1 Return
A4
Write Protect
C1
I Share
D4
DC OK
P7
+V1 Output
A5
Remote Sense (+)
C2
N/C
D5
AC OK
P8
+V1 Output
A6
Remote Sense (-)
C3
Temp Warning
D6
Interrupt
P9
+V1 Output
B1
Fault
C4
I2C Address (A0)
P1
Line
B2
I Monitor
C5
I2C Address (A1)
P2
Neutral
B3
Module Enable
C6
I2C Address (A2)
P3
Chassis
Connector is FCI / Berg Part No. 51939-178
Mates with FCI / Berg Part No. 51866-025 (Right Angle
Mounting), or 51940-117 (Straight Mounting)


同様の部品番号 - CAR1212FPBZ0-1A

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR1212FPXXXZ01A LINEAGEPOWER-CAR1212FPXXXZ01A Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
More results

同様の説明 - CAR1212FPBZ0-1A

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR1612FP LINEAGEPOWER-CAR1612FP Datasheet
1Mb / 2P
   1600 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1212DC LINEAGEPOWER-CAR1212DC Datasheet
895Kb / 2P
   1200 Watt, 12V DC Input Front End
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
CAR2024FP LINEAGEPOWER-CAR2024FP Datasheet
1Mb / 2P
   2000 Watt 24V Front End Power Supply
logo
Sparkle Power Inc.
FSP1200-50AMPD SPI-FSP1200-50AMPD Datasheet
105Kb / 1P
   1200 Watts ATX 12V Switching Power Supply
logo
TDK Electronics
TH200048 TDK-TH200048 Datasheet
419Kb / 2P
   1200 to 2500W Front End Power Supplies
logo
Mean Well Enterprises C...
RCP-2000 MEANWELL-RCP-2000 Datasheet
291Kb / 5P
   2000W Front End Power Supply
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com