データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAR3010K1NY0-1A データシート(PDF) 2 Page - Lineage Power Corporation

部品番号 CAR3010K1NY0-1A
部品情報  3000 Watt 24 / 48V Front End
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAGEPOWER [Lineage Power Corporation]
ホームページ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR3010K1NY0-1A データシート(HTML) 2 Page - Lineage Power Corporation

  CAR3010K1NY0-1A Datasheet HTML 1Page - Lineage Power Corporation CAR3010K1NY0-1A Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.lineagepower.com/oem
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
2841 Dow Avenue
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
Tustin, CA 92780 USA
Shanghai, 201401 China
Phone: (972) 284-2000
Phone: (714) 544-6665
Phone: 021 6710 8910
CAR3000 Series
3000 Watt 24 / 48V Front End
rev 100506
OUTLINE DRAWING:
THREE PHASE AC INPUT4 4
1 LINE 1
2 LINE 2
3 LINE 3
4 GROUND
15-PIN D-SUB CONNECTOR1 1
1 5 VSB
2 5VSB RTN
3 MODULE PRESENT
4 POWER GOOD
5 ON/OFF
6 I SHARE
7 MOD-ENABLE
8 OVP TEST POINT
9 AC FAIL
10 V PROGRAM
11 + REMOTE SENSE
12 CURRENT MONITOR
13 TEMPERATURE OK
14 - REMOTE SENSE
15 NO CONNECTION
SINGLE PHASE AC INPUT 3
1 GROUND
2 LINE
3 NEUTRAL
4 GROUND
5 LINE
6 NEUTRAL
Positronic Output Connector 2
1
V1
2
V1
3
V1
4
V1
5
V1 RETURN
6
V1 RETURN
7
V1 RETURN
8
V1 RETURN
9
V1
10 5VSB RTN
11 MODULE PRESENT
12 MODULE ENABLE
13 CURRENT SHARE
14 ON/OFF
15 OVP
16 V1 RETURN
17 5VSB
18 POWER GOOD
19 AC FAIL
20 MARGIN 1
21 + SENSE
22 TEMP OK
23 MARGIN 2
24 - SENSE
MATING CONNECTORS
1) AMP 205205-2 Housing with
205090-1 Pins
2) Positronics PLC24F4BN0A1/AA
Housing with FC114N2 pins
3) Positronics PLB06F000 Housing
with FC114N2 pins
4) Positronics PLA04F8000 Housing
with FC114N2 pins
Output Bus Bars Mate with Elcon
Part Number 538-17-00100
OUTLINE DRAWING
5.00
0.16
13.12
8.00
1.79
0.25
0.822
3.20
1 .02
5.00
1.04
12.12
1.00
V1 RTN
1.25
V1
1.56
2.99
0.641
0.59
3.095
0.98
V1 Rtn
1.25
1.20
V1
1.56
2.44
0.65
0.84
3.00
CAR3010x1
Single Phase Input with Bus Bar
CAR3030x1
Three Phase Input with Bus Bar
CAR3010x1H
Single Phase Input with Positronic
CAR3030x1H
Three Phase Input with Positronic
LEDs
3 2 1
Latch
REAR PANEL CONNECTIONS:
BOTTOM VIEW
SIDE VIEW
Cherokee Headquarters
2841 Dow Avenue
P: 714.544.6665
Tustin, CA 92780, USA
F: 714.838.4742
sales@cherokeepwr.com
Cherokee Europe
Boulevard de l’Europe, 131
P: +32.10.438.211
B-1301 Wavre, Belgium
F: +32.10.438.212
sales@cherokeepwr.be
Cherokee International China
1353 Chenqiao Road, Shanghai Fengpu Industrial Park
Shanghai 201401, China
P: 8621.6710.8910
sales.china@cherokeepwr.com
F: 8621.6710.8908
Cherokee International reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Powertel India Pvt.
Unit #166, S.D.F.VI (Phase1)
Seepz, Andheri (East)
Mumbai, India 400096
Cherokee India Pvt. Ltd
Unit No. 95 SDF 111 Building
Seepz, Andheri (East)
Mumbai, India 400096
Document Title: CAR1248FP Series Datasheet
Revision: 04/07/A
www.cherokeepwr.com
CAR3000 SERIES
3000 Watt Front End Power Supply
15-PIN D-SUB CONNECTOR1 1
1
5 VSB
2
5VSB RTN
3
MODULE PRESENT
4
POWER GOOD
5
ON/OFF
6
I SHARE
7
MOD-ENABLE
8
OVP TEST POINT
9
AC FAIL
10
V PROGRAM
11
+ REMOTE SENSE
12
CURRENT MONITOR
13
TEMPERATURE OK
14
- REMOTE SENSE
15
NO CONNECTION
Positronic Output Connector 2
1
+V1
2
+V1
3
+V1
4
+V1
5
V1 RETURN
6
V1 RETURN
7
V1 RETURN
8
V1 RETURN
9
+V1
10
5VSB RTN
11
MODULE PRESENT
12
MODULE ENABLE
13
CURRENT SHARE
14
ON/OFF
15
OVP
16
V1 RETURN
17
5VSB
18
POWER GOOD
19
AC FAIL
20
MARGIN 1
21
+ SENSE
22
TEMP OK
23
MARGIN 2
24
- SENSE
SINGLE PHASE AC INPUT 3
1
GROUND
2
LINE
3
NEUTRAL
4
GROUND
5
LINE
6
NEUTRAL
THREE PHASE AC INPUT4 4
1
LINE 1
2
LINE 2
3
LINE 3
4
GROUND
PART NUMBER DEFINITION GUIDE
CAR 30 xx xx x xx - 1A
Series
30=3000W
Power
Blank = Bus Bar
H = Positornic
Output Connector
Blank=Non-Compliant
Y0=5 of 6 Compliant
Z0=6 of 6 Compliant
RoHS Compliance
Rev.
10 = 1Ø
30 = 3Ø
Input Phase
K1=+24V
L1= +48V
Output V
EXAMPLES:
CAR3010L1Z0-1A:
Single Phase Input / +48V out / Bus Bar Output Connection / 6 of 6 RoHS Compliant
CAR3030K1HY0-1A:
Three-Phase AC Input / +24V out / Positronic Output Connector / 5 of 6 RoHS Compliant
Side & Bottom Views are of
Bus Bar Output Connector Versions
MATING CONNECTORS
1) AMP 205205-2 Housing with
205090-1 Pins
2) Positronics PLC24F4BN0A1/AA
Housing with FC114N2 pins
3) Positronics PLB06F000 Housing
with FC114N2 pins
4) Positronics PLA04F8000 Housing
with FC114N2 pins
Output Bus Bars Mate with Elcon
Part Number 538-17-00100
PART NUMBER DEFINITION GUIDE
CAR 30 xx xx x x x xx - 1A
Series
30=3000W
Power
Blank=Non-Compliant
Y0=5 of 6 Compliant
Z0=6 of 6 Compliant
RoHS Compliance
Rev.
10 = 1Ø
30 = 3Ø
Input Phase
K1=24V
L1=48V
Output V
Blank = Front End
T = Rectifier
Type
Blank = Positive
N = Negative
Polarity
Blank = Bus Bar
H = Positronic (front-end only)
Output Connector
Examples:
CAR3010L1-Z01A: 3000W / +48V Front End / Single Phase
AC Input / 6 of 6 RoHS Compliant
CAR3030L1H-Z01A: 3000W / +48V Front End / 3-Phase AC
Input / Positronic Connector / 6 of 6 RoHS Compliant


同様の部品番号 - CAR3010K1NY0-1A

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR3010K1NY0-1A LINEAGEPOWER-CAR3010K1NY0-1A Datasheet
1Mb / 2P
   3000 Watt 24 / 48V Rectifier Power Supply
More results

同様の説明 - CAR3010K1NY0-1A

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR4000 LINEAGEPOWER-CAR4000 Datasheet
966Kb / 2P
   4000 Watt 24 / 48V Front End
CAR3000T LINEAGEPOWER-CAR3000T Datasheet
1Mb / 2P
   3000 Watt 24 / 48V Rectifier Power Supply
CAR2548DC LINEAGEPOWER-CAR2548DC Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
logo
Artesyn Technologies
LCM600Q-A ARTESYN-LCM600Q-A Datasheet
1Mb / 7P
   600 Watt Bulk Front End
LCM300L ARTESYN-LCM300L Datasheet
677Kb / 5P
   310 Watt Bulk Front End
LCM1500Q-T-4 ARTESYN-LCM1500Q-T-4 Datasheet
969Kb / 7P
   1500 Watt Bulk Front End
LCM1000L ARTESYN-LCM1000L Datasheet
977Kb / 6P
   1000 Watt Bulk Front End
LCM600L ARTESYN-LCM600L Datasheet
1Mb / 7P
   600 Watt Bulk Front End
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com