データシートサーチシステム |
|
CAR3010K1NHY0-1A データシート(PDF) 2 Page - Lineage Power Corporation |
|
CAR3010K1NHY0-1A データシート(HTML) 2 Page - Lineage Power Corporation |
2 / 2 page www.lineagepower.com/oem Lineage Power Lineage Power Lineage Power (China) 3000 Skyline Dr. 2841 Dow Avenue 1353 Chenqiao Road, Shanghai Sengpu Industrial Park Mesquite, TX 75149 Tustin, CA 92780 USA Shanghai, 201401 China Phone: (972) 284-2000 Phone: (714) 544-6665 Phone: 021 6710 8910 CAR3000 Series 3000 Watt 24 / 48V Front End rev 100506 OUTLINE DRAWING: THREE PHASE AC INPUT4 4 1 LINE 1 2 LINE 2 3 LINE 3 4 GROUND 15-PIN D-SUB CONNECTOR1 1 1 5 VSB 2 5VSB RTN 3 MODULE PRESENT 4 POWER GOOD 5 ON/OFF 6 I SHARE 7 MOD-ENABLE 8 OVP TEST POINT 9 AC FAIL 10 V PROGRAM 11 + REMOTE SENSE 12 CURRENT MONITOR 13 TEMPERATURE OK 14 - REMOTE SENSE 15 NO CONNECTION SINGLE PHASE AC INPUT 3 1 GROUND 2 LINE 3 NEUTRAL 4 GROUND 5 LINE 6 NEUTRAL Positronic Output Connector 2 1 V1 2 V1 3 V1 4 V1 5 V1 RETURN 6 V1 RETURN 7 V1 RETURN 8 V1 RETURN 9 V1 10 5VSB RTN 11 MODULE PRESENT 12 MODULE ENABLE 13 CURRENT SHARE 14 ON/OFF 15 OVP 16 V1 RETURN 17 5VSB 18 POWER GOOD 19 AC FAIL 20 MARGIN 1 21 + SENSE 22 TEMP OK 23 MARGIN 2 24 - SENSE MATING CONNECTORS 1) AMP 205205-2 Housing with 205090-1 Pins 2) Positronics PLC24F4BN0A1/AA Housing with FC114N2 pins 3) Positronics PLB06F000 Housing with FC114N2 pins 4) Positronics PLA04F8000 Housing with FC114N2 pins Output Bus Bars Mate with Elcon Part Number 538-17-00100 OUTLINE DRAWING 5.00 0.16 13.12 8.00 1.79 0.25 0.822 3.20 1 .02 5.00 1.04 12.12 1.00 V1 RTN 1.25 V1 1.56 2.99 0.641 0.59 3.095 0.98 V1 Rtn 1.25 1.20 V1 1.56 2.44 0.65 0.84 3.00 CAR3010x1 Single Phase Input with Bus Bar CAR3030x1 Three Phase Input with Bus Bar CAR3010x1H Single Phase Input with Positronic CAR3030x1H Three Phase Input with Positronic LEDs 3 2 1 Latch REAR PANEL CONNECTIONS: BOTTOM VIEW SIDE VIEW Cherokee Headquarters 2841 Dow Avenue P: 714.544.6665 Tustin, CA 92780, USA F: 714.838.4742 sales@cherokeepwr.com Cherokee Europe Boulevard de l’Europe, 131 P: +32.10.438.211 B-1301 Wavre, Belgium F: +32.10.438.212 sales@cherokeepwr.be Cherokee International China 1353 Chenqiao Road, Shanghai Fengpu Industrial Park Shanghai 201401, China P: 8621.6710.8910 sales.china@cherokeepwr.com F: 8621.6710.8908 Cherokee International reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. Powertel India Pvt. Unit #166, S.D.F.VI (Phase1) Seepz, Andheri (East) Mumbai, India 400096 Cherokee India Pvt. Ltd Unit No. 95 SDF 111 Building Seepz, Andheri (East) Mumbai, India 400096 Document Title: CAR1248FP Series Datasheet Revision: 04/07/A www.cherokeepwr.com CAR3000 SERIES 3000 Watt Front End Power Supply 15-PIN D-SUB CONNECTOR1 1 1 5 VSB 2 5VSB RTN 3 MODULE PRESENT 4 POWER GOOD 5 ON/OFF 6 I SHARE 7 MOD-ENABLE 8 OVP TEST POINT 9 AC FAIL 10 V PROGRAM 11 + REMOTE SENSE 12 CURRENT MONITOR 13 TEMPERATURE OK 14 - REMOTE SENSE 15 NO CONNECTION Positronic Output Connector 2 1 +V1 2 +V1 3 +V1 4 +V1 5 V1 RETURN 6 V1 RETURN 7 V1 RETURN 8 V1 RETURN 9 +V1 10 5VSB RTN 11 MODULE PRESENT 12 MODULE ENABLE 13 CURRENT SHARE 14 ON/OFF 15 OVP 16 V1 RETURN 17 5VSB 18 POWER GOOD 19 AC FAIL 20 MARGIN 1 21 + SENSE 22 TEMP OK 23 MARGIN 2 24 - SENSE SINGLE PHASE AC INPUT 3 1 GROUND 2 LINE 3 NEUTRAL 4 GROUND 5 LINE 6 NEUTRAL THREE PHASE AC INPUT4 4 1 LINE 1 2 LINE 2 3 LINE 3 4 GROUND PART NUMBER DEFINITION GUIDE CAR 30 xx xx x xx - 1A Series 30=3000W Power Blank = Bus Bar H = Positornic Output Connector Blank=Non-Compliant Y0=5 of 6 Compliant Z0=6 of 6 Compliant RoHS Compliance Rev. 10 = 1Ø 30 = 3Ø Input Phase K1=+24V L1= +48V Output V EXAMPLES: CAR3010L1Z0-1A: Single Phase Input / +48V out / Bus Bar Output Connection / 6 of 6 RoHS Compliant CAR3030K1HY0-1A: Three-Phase AC Input / +24V out / Positronic Output Connector / 5 of 6 RoHS Compliant Side & Bottom Views are of Bus Bar Output Connector Versions MATING CONNECTORS 1) AMP 205205-2 Housing with 205090-1 Pins 2) Positronics PLC24F4BN0A1/AA Housing with FC114N2 pins 3) Positronics PLB06F000 Housing with FC114N2 pins 4) Positronics PLA04F8000 Housing with FC114N2 pins Output Bus Bars Mate with Elcon Part Number 538-17-00100 PART NUMBER DEFINITION GUIDE CAR 30 xx xx x x x xx - 1A Series 30=3000W Power Blank=Non-Compliant Y0=5 of 6 Compliant Z0=6 of 6 Compliant RoHS Compliance Rev. 10 = 1Ø 30 = 3Ø Input Phase K1=24V L1=48V Output V Blank = Front End T = Rectifier Type Blank = Positive N = Negative Polarity Blank = Bus Bar H = Positronic (front-end only) Output Connector Examples: CAR3010L1-Z01A: 3000W / +48V Front End / Single Phase AC Input / 6 of 6 RoHS Compliant CAR3030L1H-Z01A: 3000W / +48V Front End / 3-Phase AC Input / Positronic Connector / 6 of 6 RoHS Compliant |
同様の部品番号 - CAR3010K1NHY0-1A |
|
同様の説明 - CAR3010K1NHY0-1A |