データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC74770 データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LC74770
部品情報  On-Screen Display Controller LSI
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74770 データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button LC74770 Datasheet HTML 2Page - Sanyo Semicon Device LC74770 Datasheet HTML 3Page - Sanyo Semicon Device LC74770 Datasheet HTML 4Page - Sanyo Semicon Device LC74770 Datasheet HTML 5Page - Sanyo Semicon Device LC74770 Datasheet HTML 6Page - Sanyo Semicon Device LC74770 Datasheet HTML 7Page - Sanyo Semicon Device LC74770 Datasheet HTML 8Page - Sanyo Semicon Device LC74770 Datasheet HTML 9Page - Sanyo Semicon Device LC74770 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Second byte
Note: All registers are set to 0 when the LC74770M is reset by the RST pin.
2
COMMAND 1 (Display character data write setup command)
First byte
Second byte
Note: All registers are set to 0 when the LC74770M is reset by the RST pin.
No. 4248-6/11
LC74770M
Register content
DA0 to DA7
Register name
State
Function
Note
7
0
Second byte identification bit
6
0
5
0
4
H4
0
1
3
H3
0
1
2
H2
0
Display memory address (0 to 17 hexadecimal)
1
1
H1
0
1
0
H0
0
1
Register content
DA0 to DA7
Register name
State
Function
Note
7
1
6
0
Command 1 identification code
5
0
Sets up display character data write.
4
1
3
0
2
0
1
0
0
0
When this command is input, the
LC74770M locks into the display
character data write mode until the CS
pin goes high.
Register content
DA0 to DA7
Register name
State
Function
Note
7
at
0
Character attribute off
1
Character attribute on
6
c6
0
1
5
c5
0
1
4
c4
0
1
3
c3
0
Character code (00 to 7F hexadecimal)
1
2
c2
0
1
1
c1
0
1
0
c0
0
1


同様の部品番号 - LC74770

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
193Kb / 17P
   Camcorder On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V_99 Datasheet
193Kb / 17P
   Camcorder On-Screen Display LSI
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
   On-Screen Display Controller IC
More results

同様の説明 - LC74770

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
   On-Screen Display Controller LSI
LC74730M SANYO-LC74730M Datasheet
145Kb / 14P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com