データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC74775 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LC74775
部品情報  On-Screen Display Controller IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74775 データシート(HTML) 1 Page - Sanyo Semicon Device

  LC74775 Datasheet HTML 1Page - Sanyo Semicon Device LC74775 Datasheet HTML 2Page - Sanyo Semicon Device LC74775 Datasheet HTML 3Page - Sanyo Semicon Device LC74775 Datasheet HTML 4Page - Sanyo Semicon Device LC74775 Datasheet HTML 5Page - Sanyo Semicon Device LC74775 Datasheet HTML 6Page - Sanyo Semicon Device LC74775 Datasheet HTML 7Page - Sanyo Semicon Device LC74775 Datasheet HTML 8Page - Sanyo Semicon Device LC74775 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Overview
The LC74775/M is an on-screen display controller CMOS
IC that displays characters and patterns on the TV screen
under microprocessor control. This IC includes a built-in
PDC/VPS/UDT interface circuit.
Functions
• Display format: 24 characters by 12 rows (Up to 288
characters)
• Character format: 12 (horizontal)
× 18 (vertical) dots
• Character sizes: Three sizes each in the horizontal and
vertical directions
• Characters in font: 128 (Of the 128 characters, one is a
space character (7E hexadecimal)
and one is a transparent space
character (7F hexadecimal))
• Initial display positions: 64 horizontal positions and 64
vertical positions
• Blinking: Specifiable in character units
• Blinking types: Two periods supported:
1.0 second and 0.5 second
• Blanking: Over the whole font (12
× 18 dots)
• Background color: 8 colors (internal synchronization
mode): 4fSC and 2fSC
Blue background only: NTSC
• Line background color: Three lines can be set up.
8 line background colors (in
internal synchronization mode):
4fSC and 2fSC
• External control input: 8-bit serial input format
• On-chip sync separator circuit
• Video outputs: PAL and NTSC format composite video
outputs
• On-chip PDC/VPS/UDT interface circuit supporting I2C
• Package: DIP30SD
MFP30S
CMOS IC
Ordering number : EN*5919
N1198RM(OT) No. 5919-1/35
Preliminary
SANYO: MFP30S
[LC74775M]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
On-Screen Display Controller IC
LC74775, 74775M
SANYO: DIP30SD
[LC74775]
Package Dimensions
unit: mm
3196-DIP30SD
unit: mm
3216A-MFP30S
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


同様の部品番号 - LC74775

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC74770 SANYO-LC74770 Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
193Kb / 17P
   Camcorder On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
More results

同様の説明 - LC74775

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC74776 SANYO-LC74776 Datasheet
253Kb / 35P
   On-Screen Display Controller IC
LC74799 SANYO-LC74799 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
   CMOS IC On-Screen Display Controller
LC74760 SANYO-LC74760 Datasheet
178Kb / 14P
   On-Screen Display IC
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
   On Screen Display IC
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com