データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL32478EIBZ データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL32478EIBZ
部品情報  Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32478EIBZ データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL32478EIBZ Datasheet HTML 3Page - Intersil Corporation ISL32478EIBZ Datasheet HTML 4Page - Intersil Corporation ISL32478EIBZ Datasheet HTML 5Page - Intersil Corporation ISL32478EIBZ Datasheet HTML 6Page - Intersil Corporation ISL32478EIBZ Datasheet HTML 7Page - Intersil Corporation ISL32478EIBZ Datasheet HTML 8Page - Intersil Corporation ISL32478EIBZ Datasheet HTML 9Page - Intersil Corporation ISL32478EIBZ Datasheet HTML 10Page - Intersil Corporation ISL32478EIBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ISL32470E, ISL32472E, ISL32475E, ISL32478E
7
FN7784.0
January 21, 2011
Maximum Data Rate
fMAX
CD = 820pF (Figure 6)
Full
0.25
1.5
-
Mbps
Driver Enable to Output High
tZH
SW = GND (Figure 5), (Note 9)
Full
-
-
1200
ns
Driver Enable to Output Low
tZL
SW = VCC (Figure 5), (Note 9)
Full
-
-
1200
ns
Driver Disable from Output Low
tLZ
SW = VCC (Figure 5)
Full
-
-
120
ns
Driver Disable from Output High
tHZ
SW = GND (Figure 5)
Full
-
-
120
ns
Time to Shutdown
tSHDN
(Note 11)
Full
60
160
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) SW = GND (Figure 5), (Notes 11, 12)
Full
-
-
2500
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) SW = VCC (Figure 5), (Notes 11, 12)
Full
-
-
2500
ns
DRIVER SWITCHING CHARACTERISTICS (1Mbps Versions; ISL32475E)
Driver Differential Output Delay
tPLH, tPHL RD = 54Ω, CD = 50pF (Figure 4)
Full
-
70
125
ns
Driver Differential Output Skew
tSKEW
RD = 54Ω, CD = 50pF (Figure 4)
Full
-
4.5
15
ns
Driver Differential Rise or Fall Time
tR, tF
RD = 54Ω, CD = 50pF (Figure 4)
Full
70
170
300
ns
Maximum Data Rate
fMAX
CD = 820pF (Figure 6)
Full
1
4-
Mbps
Driver Enable to Output High
tZH
SW = GND (Figure 5), (Note 9)
Full
-
-
350
ns
Driver Enable to Output Low
tZL
SW = VCC (Figure 5), (Note 9)
Full
-
-
300
ns
Driver Disable from Output Low
tLZ
SW = VCC (Figure 5)
Full
-
-
120
ns
Driver Disable from Output High
tHZ
SW = GND (Figure 5)
Full
-
-
120
ns
Time to Shutdown
tSHDN
(Note 11)
Full
60
160
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) SW = GND (Figure 5), (Notes 11, 12)
Full
-
-
2000
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) SW = VCC (Figure 5), (Notes 11, 12)
Full
-
-
2000
ns
DRIVER SWITCHING CHARACTERISTICS (15Mbps Versions; ISL32478E)
Driver Differential Output Delay
tPLH, tPHL RD = 54Ω, CD = 50pF (Figure 4)
Full
-
21
45
ns
Driver Differential Output Skew
tSKEW
RD = 54Ω, CD = 50pF (Figure 4)
Full
-
3
6
ns
Driver Differential Rise or Fall Time
tR, tF
RD = 54Ω, CD = 50pF (Figure 4)
Full
5
17
30
ns
Maximum Data Rate
fMAX
CD = 470pF (Figure 6)
Full
15
25
-
Mbps
Driver Enable to Output High
tZH
SW = GND (Figure 5), (Note 9)
Full
-
-
100
ns
Driver Enable to Output Low
tZL
SW = VCC (Figure 5), (Note 9)
Full
-
-
100
ns
Driver Disable from Output Low
tLZ
SW = VCC (Figure 5)
Full
-
-
120
ns
Driver Disable from Output High
tHZ
SW = GND (Figure 5)
Full
-
-
120
ns
Time to Shutdown
tSHDN
(Note 11)
Full
60
160
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) SW = GND (Figure 5), (Notes 11, 12)
Full
-
-
2000
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) SW = VCC (Figure 5), (Notes 11, 12)
Full
-
-
2000
ns
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are VCC = 5V, TA = +25°C
(Note 6). Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)
TYP
MAX
(Note 14)
UNITS


同様の部品番号 - ISL32478EIBZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL32478EIBZ RENESAS-ISL32478EIBZ Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
More results

同様の説明 - ISL32478EIBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com