データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC74786 データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LC74786
部品情報  On-Screen Display Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74786 データシート(HTML) 4 Page - Sanyo Semicon Device

  LC74786 Datasheet HTML 1Page - Sanyo Semicon Device LC74786 Datasheet HTML 2Page - Sanyo Semicon Device LC74786 Datasheet HTML 3Page - Sanyo Semicon Device LC74786 Datasheet HTML 4Page - Sanyo Semicon Device LC74786 Datasheet HTML 5Page - Sanyo Semicon Device LC74786 Datasheet HTML 6Page - Sanyo Semicon Device LC74786 Datasheet HTML 7Page - Sanyo Semicon Device LC74786 Datasheet HTML 8Page - Sanyo Semicon Device LC74786 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
No. 5729-4/23
LC74786, 74786M, 74786JM
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD1 and VDD2
VSS–0.3 to VS +6.5
V
Maximum input voltage
VIN max
All input pins
VS –0.3 to VDD+0.3
V
Maximum output voltage
VOUT max
HFTONOUT, SYNCJDG, and SEPOUT
VSS–0.3 to VDD+0.3
V
Allowable power dissipation
Pd max
Ta = 25°C
350
mW
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD1
VDD1
4.5
5.0
5.5
V
VDD2
VDD2
4.5
5.0
1.27 VDD1
V
Input high-level voltage
VIH1
RST, CS, SIN, SCLK, SEPIN, and MUTE
0.8 VDD1
VDD1+0.3
V
VIH2
CTRL1 and CTRL2
0.7 VDD1
VDD1+0.3
V
Input low-level voltage
VIL1
RST, CS, SIN, SCLK, SEPIN, and MUTE
VSS – 0.3
0.2 VDD1
V
VIL2
CTRL1 and CTRL2
VSS – 0.3
0.3 VDD1
V
Pull-up resistance
RPU
RST, CS, SIN, SCLK, and MUTE
25
50
90
k
Applies to pins set up by options.
Composite video signal input voltage
VIN1
CVIN: VDD1 = 5 V
2.0
Vp-p
VIN2
SYNIN: VDD1 = 5 V
2.0
2.5
Vp-p
Input voltage
VIN3
XtalIN (when used for external clock input)
0.10
5.0
Vp-p
fIN = 2fsc or 4fsc ; VDD1 = 5 V
XtalIN and XtalOUT oscillator pins (2fsc: NTSC)
7.159
MHz
XtalIN and XtalOUT oscillator pins (4fsc: NTSC)
14.318
MHz
XtalIN and XtalOUT oscillator pins (2fsc: PAL)
8.867
MHz
FOSC1
XtalIN and XtalOUT oscillator pins (4fsc: PAL)
17.734
MHz
Oscillator frequencies
XtalIN and XtalOUT oscillator pins (2fsc: PAL-M)
7.151
MHz
XtalIN and XtalOUT oscillator pins (4fsc: PAL-M)
14.302
MHz
XtalIN and XtalOUT oscillator pins (2fsc: PAL-N)
7.164
MHz
XtalIN and XtalOUT oscillator pins (4fsc: PAL-N)
14.328
MHz
FOSC2
OSCIN and OSCOUT oscillator pins (LC oscillator)
5
10
MHz
Allowable Operating Ranges
Note: Applications must be especially cautious about noise when using the XtalIN input pin in clock input mode.


同様の部品番号 - LC74786

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC74780 SANYO-LC74780 Datasheet
338Kb / 16P
   On-screen Video Display Controllers for VCRs
LC74780M SANYO-LC74780M Datasheet
338Kb / 16P
   On-screen Video Display Controllers for VCRs
LC74781 SANYO-LC74781 Datasheet
340Kb / 16P
   On-screen Video Display Controller for VCR Products?
LC74781M SANYO-LC74781M Datasheet
340Kb / 16P
   On-screen Video Display Controller for VCR Products?
LC74782 SANYO-LC74782 Datasheet
337Kb / 16P
   On-screen Display Controller LSI for VCR Products???
More results

同様の説明 - LC74786

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com