データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1410A データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 2SD1410A
部品情報  High Voltage Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1410A データシート(HTML) 3 Page - Toshiba Semiconductor

  2SD1410A_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SD1410A_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SD1410A_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SD1410A_09 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD1410A
2009-12-21
3
Collector
−emitter voltage VCE (V)
Collector
−emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Safe operating area
10000
0.03
0.3
1
10
300
3000
5000
0.1
500
Common emitter
VCE = 2 V
1000
100
25
−55
Tc = 100°C
3
Collector current IC (A)
VBE (sat) – IC
Collector current IC (A)
VCE (sat) – IC
0.05
10
Common emitter
IC/IB = 100
1
10
5
0.2
1
25
100
Tc = −55°C
3
0.5
0.1
0.3
3
0
0
Common emitter
Tc = 25°C
IB = 0.2 mA
6
2
3
4
5
1
2
3
4
8
1
20
10
0.5
2
1
0
5
6
7
7
5
3
0.05
3
10
30
100
0.01
IC max (Pulse)*
IC max
DC operation
(Tc = 25°C)
500 μs*
1 ms*
VCEO max
300
0.3
0.5
1
5
10
20
0.03
0.1
(Continuous)
10 ms*
100 ms*
0.05
10
Common emitter
IC/IB = 100
1
10
5
0.2
1
25
100
Tc = −55°C
3
0.5
0.1
0.3
3
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.


同様の部品番号 - 2SD1410A_09

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SD1410A TOSHIBA-2SD1410A Datasheet
163Kb / 3P
   NPN TRIPLE DIFFUSED TYPE (IGNITER, HIGH VOLTAGE SWITCHING APPLICATIONS)
More results

同様の説明 - 2SD1410A_09

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com