データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1415A データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 2SD1415A
部品情報  High-Power Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1415A データシート(HTML) 1 Page - Toshiba Semiconductor

  2SD1415A Datasheet HTML 1Page - Toshiba Semiconductor 2SD1415A Datasheet HTML 2Page - Toshiba Semiconductor 2SD1415A Datasheet HTML 3Page - Toshiba Semiconductor 2SD1415A Datasheet HTML 4Page - Toshiba Semiconductor 2SD1415A Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SD1415A
2009-12-21
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type (Darlington)
2SD1415A
High-Power Switching Applications
Hammer Drive, Pulse Motor Drive Applications
• High DC current gain: hFE = 2000 (min) (VCE = 3 V, IC = 3 A)
• Low saturation voltage: VCE (sat) = 1.5 V (max) (IC = 3 A)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
120
V
Collector-emitter voltage
VCEO
100
V
Emitter-base voltage
VEBO
6
V
DC
IC
7
Collector current
Pulse
ICP
10
A
Base current
IB
0.7
A
Ta = 25°C
2.0
Collector power
dissipation
Tc = 25°C
PC
25
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note1: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Equivalent Circuit
Unit: mm
JEDEC
JEITA
TOSHIBA
2-10R1A
Weight: 1.7 g (typ.)
Base
Emitter
≈ 5 kΩ
≈ 150 Ω
Collector


同様の部品番号 - 2SD1415A

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SD1415A TOSHIBA-2SD1415A Datasheet
183Kb / 4P
   NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
logo
Inchange Semiconductor ...
2SD1415A ISC-2SD1415A Datasheet
84Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1415A SAVANTIC-2SD1415A Datasheet
212Kb / 3P
   Silicon NPN Power Transistors
logo
Toshiba Semiconductor
2SD1415A TOSHIBA-2SD1415A Datasheet
156Kb / 5P
   TOSHIBA Transistor Silicon NPN Triple Diffused Type (Darlington)
logo
Savantic, Inc.
2SD1415A SAVANTIC-2SD1415A Datasheet
213Kb / 3P
   Silicon NPN Power Transistors
More results

同様の説明 - 2SD1415A

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
GT20J321 TOSHIBA-GT20J321 Datasheet
329Kb / 7P
   High Power Switching Applications Fast Switching Applications
GT15J321 TOSHIBA-GT15J321 Datasheet
311Kb / 7P
   High Power Switching Applications Fast Switching Applications
GT30J126 TOSHIBA-GT30J126 Datasheet
194Kb / 6P
   High Power Switching Applications Fast Switching Applications
MP4005 TOSHIBA-MP4005 Datasheet
208Kb / 8P
   High Power Switching Applications
2SB997 TOSHIBA-2SB997 Datasheet
239Kb / 3P
   HIGH POWER SWITCHING APPLICATIONS.
2SC2204 TOSHIBA-2SC2204 Datasheet
93Kb / 1P
   HIGH POWER SWITCHING APPLICATIONS.
2SC2444 TOSHIBA-2SC2444 Datasheet
86Kb / 1P
   HIGH POWER SWITCHING APPLICATIONS.
GT60M303-Q TOSHIBA-GT60M303-Q Datasheet
420Kb / 6P
   HIGH POWER SWITCHING APPLICATIONS
MIG50J901H TOSHIBA-MIG50J901H Datasheet
1Mb / 11P
   high Power Switching Applications
GT5J321 TOSHIBA-GT5J321 Datasheet
165Kb / 6P
   High Power Switching Applications
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com