データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC74799 データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 LC74799
部品情報  On-Screen Display Controller IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74799 データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button LC74799 Datasheet HTML 6Page - Sanyo Semicon Device LC74799 Datasheet HTML 7Page - Sanyo Semicon Device LC74799 Datasheet HTML 8Page - Sanyo Semicon Device LC74799 Datasheet HTML 9Page - Sanyo Semicon Device LC74799 Datasheet HTML 10Page - Sanyo Semicon Device LC74799 Datasheet HTML 11Page - Sanyo Semicon Device LC74799 Datasheet HTML 12Page - Sanyo Semicon Device LC74799 Datasheet HTML 13Page - Sanyo Semicon Device LC74799 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
No. 5834-10/32
LC74799, 74799M
• Second byte
Note: All registers are set to 0 when the LC74799/M is reset by the RST pin.
DA
Register
Contents
Notes
0 to 7
State
Function
7at
0
Character attribute off
1
Character attribute on
6c6
0
1
5c5
0
1
4c4
0
1
3c3
0
1
2c2
0
1
1c1
0
1
0c0
0
1
Character code (00 to 7F hexadecimal)
Note: All registers are set to 0 when the LC74799/M is reset by the RST pin.
COMMAND2 (Vertical display start position and vertical character size setup command)
• First byte
DA
Register
Contents
Notes
0 to 7
State
Function
7—
1
6—
0
5—
1
4—
0
3
VS21
0
1
2
VS20
0
1
1
VS11
0
1
0
VS10
0
1
Command 2 identification code.
Sets the vertical display start position and the vertical character size.
Second line vertical character size
First line vertical character size
• Second byte
DA
Register
Contents
Notes
0 to 7
State
Function
7
0
Second byte identification bit
6FS
0
Crystal oscillator frequency: 2fsc
1
Crystal oscillator frequency: 4fsc
5
VP5
0
(MSB)
1
4
VP4
0
1
3
VP3
0
1
2
VP2
0
1
1
VP1
0
1
0
VP0
0
(LSB)
1
The vertical display start position is set by the 6
bits VP0 to VP5.
The weight of bit 1 is 2H.
If VS is the vertical display start position then:
5
VS = H
×
(2 ∑ 2n VPn)
n=0
H: the horizontal synchronization pulse period
Character
display area
01
0
1H/dot
2H/dot
1
3H/dot
1H/dot
VS21
VS20
01
0
1H/dot
2H/dot
1
3H/dot
1H/dot
VS11
VS10


同様の部品番号 - LC74799

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
LC74792JM SANYO-LC74792JM Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
LC74793 SANYO-LC74793 Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
LC74793JM SANYO-LC74793JM Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
More results

同様の説明 - LC74799

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC74776 SANYO-LC74776 Datasheet
253Kb / 35P
   On-Screen Display Controller IC
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
   On-Screen Display Controller IC
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
   CMOS IC On-Screen Display Controller
LC74760 SANYO-LC74760 Datasheet
178Kb / 14P
   On-Screen Display IC
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
   On Screen Display IC
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com