データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPC6108 データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TPC6108
部品情報  Notebook PC Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6108 データシート(HTML) 3 Page - Toshiba Semiconductor

  TPC6108_08 Datasheet HTML 1Page - Toshiba Semiconductor TPC6108_08 Datasheet HTML 2Page - Toshiba Semiconductor TPC6108_08 Datasheet HTML 3Page - Toshiba Semiconductor TPC6108_08 Datasheet HTML 4Page - Toshiba Semiconductor TPC6108_08 Datasheet HTML 5Page - Toshiba Semiconductor TPC6108_08 Datasheet HTML 6Page - Toshiba Semiconductor TPC6108_08 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPC6108
2008-12-04
3
Marking (Note 5)
Note 1: Ensure that the channel temperature does not exceed 150℃.
Note 2: (a) Device mounted on a glass-epoxy board (a) (t
= 5 s)
(b) Device mounted on a glass-epoxy board (b) (t
= 5 s)
Note 3: VDD = −24 V, Tch = 25°C (initial), L = 0.2 mH, RG = 25 Ω, IAR = -2.25 A
Note 4: Repetitive rating: pulse width limited by max channel temperature
Note 5: ● to the lower left of the Part No. marking indicates Pin 1.
(a)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
(b)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
Part No.
(or abbreviation code)
S3H
A line indicates
L
ead (Pb)-Free package
Lot code (month)
Lot No. (weekly code)
Pin #1
Lot code
(year)
Product-specific code


同様の部品番号 - TPC6108_08

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPC6108 TOSHIBA-TPC6108 Datasheet
62Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS4)
logo
VBsemi Electronics Co.,...
TPC6108 VBSEMI-TPC6108 Datasheet
456Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

同様の説明 - TPC6108_08

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
   Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
TPC6101 TOSHIBA-TPC6101 Datasheet
155Kb / 6P
   Notebook PC Applications Portable Equipment Applications
TPC6103 TOSHIBA-TPC6103_06 Datasheet
282Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8003 TOSHIBA-TPCF8003 Datasheet
238Kb / 7P
   notebook PC Applications Portable Equipment Applications
TPC6102 TOSHIBA-TPC6102_06 Datasheet
198Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6004 TOSHIBA-TPC6004_07 Datasheet
236Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6104 TOSHIBA-TPC6104_06 Datasheet
239Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8B01 TOSHIBA-TPCF8B01_09 Datasheet
312Kb / 9P
   Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com