データシートサーチシステム |
|
LC75395 データシート(PDF) 8 Page - Sanyo Semicon Device |
|
LC75395 データシート(HTML) 8 Page - Sanyo Semicon Device |
8 / 17 page Pin Functions No. 5056-8/17 LC75395E Pin No. Symbol Function Note 12 11 10 37 38 39 9 8 7 40 41 42 6 5 4 43 44 45 3 2 1 46 47 48 13 36 14 35 64 49 21 19 17 16 28 30 32 33 57 22, 26 27 LF1C1 LF1C2 LF1C3 RF1C1 RF1C2 RF1C3 LF2C1 LF2C2 LF2C3 RF2C1 RF2C2 RF2C3 LF3C1 LF3C2 LF3C3 RF3C1 RF3C2 RF3C3 LF4C1 LF4C2 LF4C3 RF4C1 RF4C2 RF4C3 LTIN RTIN LSELO RSELO LF5 RF5 L1 L2 L3 L4 R1 R2 R3 R4 VDD VSS AVSS The left channel F1 band control block. These are external capacitor connections. The right channel F1 band control block. These are external capacitor connections. The left channel F2 band control block. These are external capacitor connections. The right channel F2 band control block. These are external capacitor connections. The left channel F3 band control block. These are external capacitor connections. The right channel F3 band control block. These are external capacitor connections. The left channel F4 band control block. These are external capacitor connections. The right channel F4 band control block. These are external capacitor connections. Tone control inputs These must be driven by low-impedance circuits. Input selector outputs F5 band control block. These are external capacitor connections. Signal inputs Power supply Internal logic system ground Internal operational amplifier ground Continued on next page. A03549 A03550 A03551 A03552 A03553 |
同様の部品番号 - LC75395 |
|
同様の説明 - LC75395 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |