データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75410W データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LC75410W
部品情報  Electronic Volume Controller for Car Audio Systems
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75410W データシート(HTML) 5 Page - Sanyo Semicon Device

  LC75410W Datasheet HTML 1Page - Sanyo Semicon Device LC75410W Datasheet HTML 2Page - Sanyo Semicon Device LC75410W Datasheet HTML 3Page - Sanyo Semicon Device LC75410W Datasheet HTML 4Page - Sanyo Semicon Device LC75410W Datasheet HTML 5Page - Sanyo Semicon Device LC75410W Datasheet HTML 6Page - Sanyo Semicon Device LC75410W Datasheet HTML 7Page - Sanyo Semicon Device LC75410W Datasheet HTML 8Page - Sanyo Semicon Device LC75410W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
No. 7027-5/28
LC75410E, 75410W
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
[Fader Block]
Input resistance
Rfed
LFIN, RFIN
25
50
100
k
0dB to –2dB
±0.5
dB
Step setting error
ATerr
–2dB to –20dB
±1
dB
–20dB to –30dB
±2
dB
–30dB to –60dB
±3
dB
L/R balance
BAL
±0.5
dB
[General]
Total harmonic distortion
THD (1)
VIN = 0dBV, f = 1 kHz
0.004
0.01
%
THD (2)
VIN = –10dBV, f = 10 kHz
0.006
0.01
%
Input crosstalk
CT
VIN = 1Vrms, f = 1 kHz
80
88
dB
L/R crosstalk
CT
VIN = 1Vrms, f = 1 kHz
80
88
dB
Maximum attenuated output
Vomin (1) VIN = 1Vrms, f = 1 kHz
80
88
dB
Vomin (2)
VIN = 1Vrms, f = 1 kHz
90
95
dB
INMUTE, fader –
Output noise voltage
VN (1)
Flat overall, IHF-A filter
5
10
µV
VN (2)
Flat overall, 20 to 20 kHzBPF
7
15
µV
Current drain
IDD
40
45
mA
Input high-level current
IIH
CL, DI, CE, VIN = 9 V
10
µA
Input low-level current
IIL
CL, DI, CE, VIN = 0 V
–10
µA
Maximum input voltage
VCL
THD = 1%, RL = 10 kΩ
2.3
2.8
Vrms
flat overall, fIN = 1 kHz
Common-mode rejection ratio
CMRR
VIN = 0 dB, f = 1 kHz
45
70
dB
Continued from preceding page.
Control Timing and Data Format
To control the LC75410E and LC75410W input specified serial data to the CE, CL, and DI pins.
The data configuration consists of a total of 52 bits broken down into 8 address bits and 44 data bits.
CE
DI
D43
D42
D41
D40
D39
D38
D5
D4
D3
D2
D0
D1
A3
A2
A1
A0
B3
B2
B1
B0
CL
1
µs
min
1
µs
min
1
µs min ≤ TDEST
1
µs
min
1
µs
min
1
µs
min
CE
DI
CL


同様の部品番号 - LC75410W

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75411ES SANYO-LC75411ES Datasheet
891Kb / 33P
   Electronic Volume Controller for Car Audio Systems
LC75411WS SANYO-LC75411WS Datasheet
891Kb / 33P
   Electronic Volume Controller for Car Audio Systems
LC75412E SANYO-LC75412E Datasheet
204Kb / 21P
   Electronic Volume Controller for Car Audio Systems
LC75412W SANYO-LC75412W Datasheet
204Kb / 21P
   Electronic Volume Controller for Car Audio Systems
LC75412WS SANYO-LC75412WS Datasheet
185Kb / 19P
   Electronic Volume Controller for Car Audio Systems
More results

同様の説明 - LC75410W

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75412WS SANYO-LC75412WS Datasheet
185Kb / 19P
   Electronic Volume Controller for Car Audio Systems
LC75411ES SANYO-LC75411ES Datasheet
891Kb / 33P
   Electronic Volume Controller for Car Audio Systems
LC75412E SANYO-LC75412E Datasheet
204Kb / 21P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3313PM SANYO-LV3313PM Datasheet
143Kb / 18P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com