データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N2221A データシート(PDF) 3 Page - Microsemi Corporation

部品番号 2N2221A
部品情報  RADIATION HARDENED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2221A データシート(HTML) 3 Page - Microsemi Corporation

  2N2221A_1 Datasheet HTML 1Page - Microsemi Corporation 2N2221A_1 Datasheet HTML 2Page - Microsemi Corporation 2N2221A_1 Datasheet HTML 3Page - Microsemi Corporation 2N2221A_1 Datasheet HTML 4Page - Microsemi Corporation 2N2221A_1 Datasheet HTML 5Page - Microsemi Corporation 2N2221A_1 Datasheet HTML 6Page - Microsemi Corporation 2N2221A_1 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0042 Rev. 3 (100247)
Page 3 of 7
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 1.0mAdc, VCE = 10Vdc, f = 1.0kHz
2N2221A, L, UA, UB, UBC
2N2222A, L, UA, UB, UBC
hfe
30
50
Magnitude of Small–Signal Short-Circuit
Forward Current Transfer Ratio
IC = 20mAdc, VCE = 20Vdc, f = 100MHz
|hfe|
2.5
Output Capacitance
VCB = 10Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Cobo
8.0
pF
Input Capacitance
VEB = 0.5Vdc, IC = 0, 100kHz ≤ f ≤ 1.0MHz
Cibo
25
pF
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Time
See figure 8 of MIL-PRF-19500/255
ton
35
ηs
Turn-Off Time
See Figure 9 of MIL-PRF-19500/255
toff
300
ηs
(3) Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%.


同様の部品番号 - 2N2221A_1

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
2N2221A CENTRAL-2N2221A_15 Datasheet
542Kb / 2P
   SILICON NPN TRANSISTORS
More results

同様の説明 - 2N2221A_1

メーカー部品番号データシート部品情報
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
logo
Actel Corporation
RH1280-CQ172V ACTEL-RH1280-CQ172V Datasheet
249Kb / 30P
   Radiation-Hardened FPGAs
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com