データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N4029 データシート(PDF) 6 Page - Microsemi Corporation

部品番号 2N4029
部品情報  PNP SILICON SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4029 データシート(HTML) 6 Page - Microsemi Corporation

  2N4029_1 Datasheet HTML 1Page - Microsemi Corporation 2N4029_1 Datasheet HTML 2Page - Microsemi Corporation 2N4029_1 Datasheet HTML 3Page - Microsemi Corporation 2N4029_1 Datasheet HTML 4Page - Microsemi Corporation 2N4029_1 Datasheet HTML 5Page - Microsemi Corporation 2N4029_1 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0157 Rev. 2 (101305)
Page 6 of 6
NOTES:
1 Dimensions are in inches.
2 Millimeters are given for general information only.
3 Hatched areas on package denote metalized areas.
4 Pad 1 = Base, Pad 2 = Emitter, Pad 3 = Collector, Pad 4 = Shielding connected to the lid.
5 In accordance with ASME Y14.5M, diameters are equivalent to
φx symbology.
FIGURE 4. Physical dimensions, surface mount (UB version).
Dimensions
Symbol
Inches
Millimeters
Note
Min
Max
Min
Max
BH
.046
.056
1.17
1.42
BL
.115
.128
2.92
3.25
BW
.085
.108
2.16
2.74
CL
.128
3.25
CW
.108
2.74
LL1
.022
.038
0.56
0.96
LL2
.017
.035
0.43
0.89
Dimensions
Symbol
Inches
Millimeters
Note
Min
Max
Min
Max
LS1
.036
.040
0.91
1.02
LS2
.071
.079
1.81
2.01
LW
.016
.024
0.41
0.61
r
.008
.203
r1
.012
.305
r2
.022
.559


同様の部品番号 - 2N4029_1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N4029 ONSEMI-2N4029_13 Datasheet
82Kb / 6P
   Small Signal Switching Transistor
November, 2013 ??Rev. 1
More results

同様の説明 - 2N4029_1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MMBT4403LT1 ONSEMI-MMBT4403LT1 Datasheet
147Kb / 8P
   Switching Transistor(PNP Silicon)
September, 2004 ??Rev. 3
logo
Siemens Semiconductor G...
SMBT4126 SIEMENS-SMBT4126 Datasheet
96Kb / 4P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
   Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
   PNP Silicon Switching Transistor
Jun-12-2002
logo
Zowie Technology Corpor...
MMBT4403GH ZOWIE-MMBT4403GH Datasheet
558Kb / 5P
   Switching Transistor PNP Silicon
logo
NTE Electronics
NTE106 NTE-NTE106 Datasheet
24Kb / 2P
   Silicon PNP Transistor Switching Transistor
logo
Microsemi Corporation
2N2907ADIE MICROSEMI-2N2907ADIE Datasheet
44Kb / 2P
   SWITCHING TRANSISTOR PNP SILICON
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MPS3638A ONSEMI-MPS3638A Datasheet
215Kb / 8P
   Switching Transistor(PNP Silicon)
1997
logo
Microsemi Corporation
2N3250A MICROSEMI-2N3250A Datasheet
58Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
248Kb / 7P
   PNP Silicon Switching Transistor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com