データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75834E データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LC75834E
部品情報  1/4 Duty General-Purpose LCD Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75834E データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button LC75834E Datasheet HTML 2Page - Sanyo Semicon Device LC75834E Datasheet HTML 3Page - Sanyo Semicon Device LC75834E Datasheet HTML 4Page - Sanyo Semicon Device LC75834E Datasheet HTML 5Page - Sanyo Semicon Device LC75834E Datasheet HTML 6Page - Sanyo Semicon Device LC75834E Datasheet HTML 7Page - Sanyo Semicon Device LC75834E Datasheet HTML 8Page - Sanyo Semicon Device LC75834E Datasheet HTML 9Page - Sanyo Semicon Device LC75834E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Pin Functions
Note: The LC75834JE do not have the S9, S18, S27, S34 output pins.
No. 5597-6/18
LC75834E, 75834W, 75834JE
CE: Chip enable
CL:
Synchronization clock
DI:
Transfer data
H
S1/P1 to
S8/P8
S9 to S34
Pin
1 to 8
9 to 34
LC75834E,
75834W
LC75834JE
1 to 8
9 to 30
O
Open
Segment outputs for displaying the display data transferred by serial data
input. The pins S1/P1 to S8/P8 can be used as general-purpose output ports
when so set up by the control data.
COM1
COM2
COM3
COM4
35
36
37
38
31
32
33
34
O
Open
Common driver outputs.
The frame frequency fO is given by: fO = (fOSC/512) Hz.
OSC
44
40
CE
CL
DI
46
47
48
42
43
44
Serial data transfer inputs. These
pins are connected to the control
microprocessor.
I/O
VDD
I
GND
Oscillator connection
An oscillator circuit is formed by connecting an external resistor and capacitor
VLCD1
41
37
I
Open
Used to apply the LCD drive 2/3-bias voltage externally. This pin must be
connected to VLCD2 when 1/2-bias drive is used.
VLCD2
42
38
I
Open
Used to apply the LCD drive 1/3-bias voltage externally. This pin must be
connected to VLCD1 when 1/2-bias drive is used.
VDD
39
35
Logic block power supply. Provide a voltage in the range 2.7 to 6.0 V.
VLCD
40
36
LCD driver block power supply. Provide a voltage in the range 2.7 to 6.0 V.
VSS
43
39
Ground pin. Connect to ground.
INH
45
41
L
I
GND
Display off control input
•INH = low (VSS): Off
S1/P1 to S8/P8 = Low
(These pins are forcible set to the segment output port
function and fixed at the VSS level.)
S9 to S34 = Low (VSS),
COM1 to COM4 = Low (VSS)
•INH = high (VDD): On
Note that serial data transfers can be performed when the
display is forced off by this pin.
Active
I/O
Handling
when unused
Function
Pin No.


同様の部品番号 - LC75834E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75832E ONSEMI-LC75832E Datasheet
174Kb / 22P
   General-Purpose LCD Display Driver
July, 2013
LC75832E ONSEMI-LC75832E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832E-E ONSEMI-LC75832E-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832EH-E ONSEMI-LC75832EH-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
More results

同様の説明 - LC75834E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75850E SANYO-LC75850E Datasheet
199Kb / 11P
   1/3 Duty General Purpose LCD Drivers???
LC75823E SANYO-LC75823E Datasheet
229Kb / 12P
   1/3 Duty General-Purpose LCD Drivers?
LC75833E SANYO-LC75833E Datasheet
137Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75833E-E SANYO-LC75833E-E Datasheet
142Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75814V SANYO-LC75814V Datasheet
101Kb / 14P
   1/4 Duty General-Purpose LCD Driver
LC75844M SANYO-LC75844M Datasheet
133Kb / 14P
   1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
LC75836WS-T ONSEMI-LC75836WS-T_17 Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75838E SANYO-LC75838E Datasheet
341Kb / 32P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com