データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC78628 データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 LC78628
部品情報  Compact Disc Player DSP with Built-in HDCD Decoder
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78628 データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button LC78628 Datasheet HTML 6Page - Sanyo Semicon Device LC78628 Datasheet HTML 7Page - Sanyo Semicon Device LC78628 Datasheet HTML 8Page - Sanyo Semicon Device LC78628 Datasheet HTML 9Page - Sanyo Semicon Device LC78628 Datasheet HTML 10Page - Sanyo Semicon Device LC78628 Datasheet HTML 11Page - Sanyo Semicon Device LC78628 Datasheet HTML 12Page - Sanyo Semicon Device LC78628 Datasheet HTML 13Page - Sanyo Semicon Device LC78628 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
No. 6329-10/40
LC78628E
Continued from preceding page.
Pin No.
Pin
I/O
Function
42
XVDD
Crystal oscillator power supply. 5 V system.
43
XIN
I
Connections for the 16.9344 crystal element and capacitors. Since no feedback resistor is built in, an external feedback
44
XOUT
O
resistor must be provided.
45
XVSS
Crystal oscillator ground. This pin must be connected to 0 V.
46
MUTEL
O
Left channel audio data mute detection output
47
LVDD
Power supply. 5 V system.
48
LCHP
O
Left channel audio data P output
49
LCHN
O
Left channel audio data N output
50
LVSS
Ground. This pin must be connected to 0 V.
51
RVSS
Ground. This pin must be connected to 0 V.
52
RCHN
O
Right channel audio data N output
53
RCHP
O
Right channel audio data P output
54
RVDD
Power supply. 5 V system.
55
MUTER
O
Right channel audio data mute detection output
56
DOUT
O
Digital output
57
LRCKI
I
Left/right clock input for external data input to the HDCD filter engine (1fs)
58
EFLG
O
C1/C2 single/double error correction monitor output
59
DATAI
I
Data input for external data input to the HDCD filter engine (20 bits)
60
TEST6
O
Test output. Outputs the subcode frame sync signal. This pin must be left open when used.
61
BCKI
I
Bit clock input for external data input to the HDCD filter engine (48fs)
62
FSX
O
Outputs the 7.35 kHz sync detection signal divided from the crystal oscillator clock.
63
WRQ
O
Subcode Q output standby (ready) state output
64
RWC
I
Read/write control input. This is a Schmitt input.
65
SQOUT
O
Subcode Q output
66
COIN
I
Input for commands from the microcontroller
67
CQCK
I
Command input acquisition clock input, or clock input for readout of subcode data from SQOUT. This is a Schmitt input.
68
RES
I
IC reset input. Applications must apply a low level to this pin after power is first applied.
69
TST11
O
Test output. This pin must be left open (it normally outputs a low level).
70
SCLK
I
Text data shift clock input
71
DQSY
O
Text data readout permission output
72
4.2M
O
4.2336 MHz output
73
SRDT
O
Text data output
74
TEST5
I
Test input. A pull-down resistor is built in. This pin must be connected to 0 V.
75
CS
I
Chip select input. A pull-down resistor is built in. (This pin must be connected to 0 V when not controlled.)
76
LRSY
O
Left/right clock output
77
CK2
O
ROMXA support outputs
Bit clock output (at reset)
Polarity inverted clock output (in CK2CON mode)
78
ROMXA
O
Interpolated data output (at reset)
ROM data output (in ROMXA mode)
79
CF2
O
C2 flag output
80
TEST1
I
Test input. There is no built-in pull-down resistor. This pin must be connected to 0 V.
Note: The equal power-supply voltage must be applied to all the 5 V system power supply pins.


同様の部品番号 - LC78628

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
More results

同様の説明 - LC78628

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com