データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC78630E データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC78630E
部品情報  Compact Disk Player DSP
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78630E データシート(HTML) 3 Page - Sanyo Semicon Device

  LC78630E Datasheet HTML 1Page - Sanyo Semicon Device LC78630E Datasheet HTML 2Page - Sanyo Semicon Device LC78630E Datasheet HTML 3Page - Sanyo Semicon Device LC78630E Datasheet HTML 4Page - Sanyo Semicon Device LC78630E Datasheet HTML 5Page - Sanyo Semicon Device LC78630E Datasheet HTML 6Page - Sanyo Semicon Device LC78630E Datasheet HTML 7Page - Sanyo Semicon Device LC78630E Datasheet HTML 8Page - Sanyo Semicon Device LC78630E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Pin Assignment
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
No. 5121-3/33
LC78630E
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +7.0
V
Input voltage
VIN
–0.3 to VDD + 0.3
V
Output voltage
VOUT
–0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
470
mW
Operating temperature
Topr
–30 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
VDD1
VDD, AVDD, XVDD, LVDD, RVDD
3.6
5.0
5.5
V
Supply voltage
VDD2
VDD, AVDD, XVDD, LVDD, RVDD: For 4× playback or
4.5
5.0
5.5
V
variable-pitch playback
TEST1 to TEST5, TAI, HFL, TES, P0/DFCK, P1/DFIN,
Input high-level voltage
VIH1
P2, P3/DFLR, P4, P5, SBCK, RWC, COIN, CQCK,
0.7 VDD
VDD
V
RES, CS, XIN, DEFI
VIH2
EFMI
0.6 VDD
VDD
V
TEST1 to TEST5, TAI, HFL, TES, P0/DFCK, P1/DFIN,
Input low-level voltage
VIL1
P2, P3/DFLR, P4, P5, SBCK, RWC, COIN, CQCK,
0
0.3 VDD
V
RES, CS, XIN, DEFI
VIL2
EFMI
0
0.4 VDD
V
Data setup time
tSU
COIN, RWC: Figures 1 and 4
400
ns
tPRS
RWC: Figure 4
100
ns
Data hold time
tHD
COIN, RWC: Figures 1 and 4
400
ns
Continued on next page.


同様の部品番号 - LC78630E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC7863 SANYO-LC7863 Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC78631 SANYO-LC78631 Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78632 SANYO-LC78632 Datasheet
157Kb / 9P
   Compact Disk Player DSP
LC78632RE SANYO-LC78632RE Datasheet
157Kb / 9P
   Compact Disk Player DSP
More results

同様の説明 - LC78630E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78632RE SANYO-LC78632RE Datasheet
157Kb / 9P
   Compact Disk Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78626E SANYO-LC78626E Datasheet
475Kb / 32P
   DSP for Compact Disk Players
logo
List of Unclassifed Man...
YM3805 ETC1-YM3805 Datasheet
73Kb / 2P
   Signal Processor Controller for Compact Disk Player
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com