データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DLZ-17A データシート(PDF) 2 Page - Protek Devices

部品番号 DLZ-17A
部品情報  High powered multi-line tvs array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DLZ-17A データシート(HTML) 2 Page - Protek Devices

  DLZ-17A Datasheet HTML 1Page - Protek Devices DLZ-17A Datasheet HTML 2Page - Protek Devices DLZ-17A Datasheet HTML 3Page - Protek Devices DLZ-17A Datasheet HTML 4Page - Protek Devices DLZ-17A Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05008.R9 2/11
Page 2
DLZ-5 - DLZ-30CA
tyPiCAL DeviCe CHARACteRistiCs
mAXimum RAtings @ 25°C unless otherwise specified
PARAmeteR
symBoL
vALue
units
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
1,300
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Forward Surge Rating (1/120 seconds) Unidirectional
I
F
10
Amps
eLeCtRiCAL CHARACteRistiCs PeR Line @ 25°C unless otherwise specified
PARt
numBeR
(note 1-2)
RAteD
stAnD-oFF
voLtAge
v
wm
voLts
minimum
BReAkDown
voLtAge
@1mA
v
(BR)
voLts
mAXimum
CLAmPing
voLtAge
(Fig. 2)
@ iP = 1A
v
C
voLts
mAXimum
CLAmPing
voLtAge
(Fig. 2)
@ iP = 10A
v
C
voLts
mAXimum
LeAkAge
CuRRent
@v
wm
i
D
µA
mAXimum
CAPACitAnCe
@0v, 1mHz
C
pF
temPeRAtuRe
CoeFFiCient
oF v
(BR)
qv
(BR)
mv/°C
DLZ-5
5.0
6.0
10.2
12.5
200
880
5
DLZ-5A
5.0
6.0
9.5
10.6
200
880
5
DLZ-12
12.0
13.3
21.1
26.0
2
440
18
DLZ-12A
12.0
13.3
19.1
23.5
2
440
18
DLZ-17
17.0
19.2
30.4
37.4
2
330
20
DLZ-17A
17.0
19.2
27.5
33.9
2
330
20
DLZ-24
24.0
26.7
42.3
52.1
2
275
31
DLZ-24A
24.0
26.7
38.3
47.2
2
275
31
DLZ-30
30.0
33.3
52.8
65.0
2
220
39
DLZ-30A
30.0
33.3
47.8
58.8
2
220
39
DLZ8C
8.0
8.5
13.4
16.6
10
440
9
DLZ-13C
13.0
14.4
22.8
28.1
4
385
18
DLZ-13CA
13.0
14.4
20.6
25.4
4
385
18
DLZ-19C
19.0
21.6
34.2
42.1
4
275
24
DLZ-19CA
19.0
21.6
31.0
38.1
4
275
24
DLZ-30C
30.0
33.3
52.8
65.0
4
165
39
DLZ-30CA
30.0
33.3
47.8
58.8
4
165
39
notes
1. Part numbers with a “C” suffix are bidirectional devices, i.e., DLZ-8C.
2. t
clamping (0V to VBR min): Less than 1x10
-12
seconds (10x10-9 seconds bidirectional).


同様の部品番号 - DLZ-17A

メーカー部品番号データシート部品情報
logo
Protek Devices
DLZ-17A PROTEC-DLZ-17A Datasheet
97Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DLZ-17A PROTEC-DLZ-17A Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results

同様の説明 - DLZ-17A

メーカー部品番号データシート部品情報
logo
Protek Devices
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
   High powered multi-line tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
DA05L PROTEC-DA05L_10 Datasheet
467Kb / 5P
   High powered multi-line tvs array
DA05N PROTEC-DA05N_10 Datasheet
568Kb / 5P
   High powered multi-line tvs array
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCA05C PROTEC-LCA05C_10 Datasheet
679Kb / 7P
   High powered multi-line tvs array
DA05L PROTEC-DA05L_12 Datasheet
471Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCA05C PROTEC-LCA05C_12 Datasheet
697Kb / 7P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCD05C PROTEC-LCD05C_12 Datasheet
788Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
VSIP PROTEC-VSIP Datasheet
750Kb / 7P
   High powered multi-line VSIP짰 tvs array
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com