データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC7958NC データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LC7958NC
部品情報  64-Bit LED Driver for 300 dpi Printers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7958NC データシート(HTML) 5 Page - Sanyo Semicon Device

  LC7958NC Datasheet HTML 1Page - Sanyo Semicon Device LC7958NC Datasheet HTML 2Page - Sanyo Semicon Device LC7958NC Datasheet HTML 3Page - Sanyo Semicon Device LC7958NC Datasheet HTML 4Page - Sanyo Semicon Device LC7958NC Datasheet HTML 5Page - Sanyo Semicon Device LC7958NC Datasheet HTML 6Page - Sanyo Semicon Device LC7958NC Datasheet HTML 7Page - Sanyo Semicon Device LC7958NC Datasheet HTML 8Page - Sanyo Semicon Device LC7958NC Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LC7958NC
6585-5/11
Sample Application Circuit Diagram
Note 1: The electric potential of the IC substrate is at VDD1.
Note 2: The number of cascade connection stages should be within 60. (10MHz)
Note 3: All VDD2 terminals should be bonded.
Note 4: Leave the SEL Terminal of the odd-numbered IC open, and connect the SEL terminal of even-numbered IC with
VSS.
Note 5: Apply the stable potential other than the VDD1 and VDD2 lines to the VREF terminal.
(To the next input stage)
OPEN
(Input signal)
GND
STROBE
VREF
VSS
VDD1
VDD2
DO64
DO1
CL OCK1
SO
LOAD2
VSS
SEL
VDD 2
STROBE
LOAD1
SI
VREF
ADJ(-)
ADJ(+)
CL OCK
DO64
DO 1
CL OCK1
SO
LOAD
VSS
SEL
VDD 2
VDD 1
STROB
LOAD1
SI
VREF
ADJ(-)
ADJ(+)
CL OCK
VDD 1


同様の部品番号 - LC7958NC

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
LC790Z SEOUL-LC790Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LC791 SEOUL-LC791 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC791 SEOUL-LC791 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC791 SEOUL-LC791 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC791 SEOUL-LC791 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

同様の説明 - LC7958NC

メーカー部品番号データシート部品情報
logo
Silan Microelectronics ...
SC16426 SILAN-SC16426 Datasheet
584Kb / 6P
   64-BIT LED STATIC DRIVER
logo
Rohm
BD64550EFV ROHM-BD64550EFV_1 Datasheet
403Kb / 17P
   System Driver for Ink Jet Printers
logo
Seiko Instruments Inc
S-4611A SII-S-4611A Datasheet
279Kb / 4P
   64-bit THERMAL HEAD DRIVER
S-4620A SII-S-4620A Datasheet
273Kb / 4P
   64-bit THERMAL HEAD DRIVER
S-4630A SII-S-4630A Datasheet
266Kb / 4P
   64-bit THERMAL HEAD DRIVER
logo
NEC
UPD16344 NEC-UPD16344 Datasheet
96Kb / 16P
   64-BIT AC-PDP DRIVER
logo
Seiko Instruments Inc
S-4610A SII-S-4610A Datasheet
284Kb / 4P
   64-bit THERMAL HEAD DRIVER
logo
Integral Corp.
IND16337 INTEGRAL-IND16337 Datasheet
324Kb / 9P
   64-BIT AC-PDP DRIVER
logo
NEC
UPD16337 NEC-UPD16337 Datasheet
102Kb / 16P
   64-BIT AC-PDP DRIVER
logo
Seiko Instruments Inc
S-4640A SII-S-4640A Datasheet
289Kb / 5P
   64-bit THERMAL HEAD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com