データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC83025E データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LC83025E
部品情報  Digital Signal Processor for Karaoke Products
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC83025E データシート(HTML) 5 Page - Sanyo Semicon Device

  LC83025E Datasheet HTML 1Page - Sanyo Semicon Device LC83025E Datasheet HTML 2Page - Sanyo Semicon Device LC83025E Datasheet HTML 3Page - Sanyo Semicon Device LC83025E Datasheet HTML 4Page - Sanyo Semicon Device LC83025E Datasheet HTML 5Page - Sanyo Semicon Device LC83025E Datasheet HTML 6Page - Sanyo Semicon Device LC83025E Datasheet HTML 7Page - Sanyo Semicon Device LC83025E Datasheet HTML 8Page - Sanyo Semicon Device LC83025E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Continued from preceding page.
No. 4977-5/15
LC83025E
Pin No.
Symbol
I/O
Function
[Power supply pins]
12, 26,
VDD
VDD for the digital block (Connect to +5 V.)
53, 72
(Keep connections as short as possible so that potential differences between the VDD pins do not occur.)
15, 16,
VSS
VSS for the digital block (Connect to ground.)
54, 73
(Keep connections as short as possible so that potential differences between the VSS pins do not occur.)
36
ADLVDD
A/D converter VDD (left channel) (Connect to +5 V.)
41
ADRVDD
A/D converter VDD (right channel) (Connect to +5 V.)
46
ADMVDD
A/D converter VDD (microphone) (Connect to +5 V.)
29
DALVDD
D/A converter VDD (left channel) (Connect to +5 V.)
32
DARVDD
D/A converter VDD (right channel) (Connect to +5 V.)
34
ADLVSS
A/D converter VSS (left channel) (Connect to ground.)
39
ADRVSS
A/D converter VSS (right channel) (Connect to ground.)
44
ADMVSS
A/D converter VSS (microphone) (Connect to ground.)
27
DALVSS
D/A converter VSS (left channel) (Connect to ground.)
30
DARVSS
D/A converter VSS (right channel) (Connect to ground.)
Design the application wiring so
that potential differences do not
occur between the analog VSS
pins and between the digital VSS
group and the analog VSS group.
Design the application wiring so
that potential differences do not
occur between the analog VDD
pins and between the digital VDD
group and the analog VDD group.


同様の部品番号 - LC83025E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC83026E SANYO-LC83026E Datasheet
283Kb / 16P
   Digital Signal Processor for Karaoke Systems
More results

同様の説明 - LC83025E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC83026E SANYO-LC83026E Datasheet
283Kb / 16P
   Digital Signal Processor for Karaoke Systems
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
CXD2721Q-1 SONY-CXD2721Q-1 Datasheet
941Kb / 70P
   Single-Chip Digital Signal Processor for Karaoke
logo
New Japan Radio
NJU25102 NJRC-NJU25102 Datasheet
1Mb / 39P
   Digital Karaoke Audio Processor
logo
List of Unclassifed Man...
YSS205B ETC-YSS205B Datasheet
899Kb / 7P
   KARAOKE PROCESSOR
logo
YAMAHA CORPORATION
YSS915 YAMAHA-YSS915 Datasheet
820Kb / 32P
   Karaoke Processor 2 for Video disc player
logo
New Japan Radio
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
logo
Samsung semiconductor
S5L986F02 SAMSUNG-S5L986F02 Datasheet
480Kb / 35P
   DIGITAL SIGNAL PROCESSOR FOR DISCMAN
logo
New Japan Radio
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
logo
Samsung semiconductor
KS9286B SAMSUNG-KS9286B Datasheet
298Kb / 35P
   DIGITAL SIGNAL PROCESSOR for CDP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com