データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC863364 データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LC863364
部品情報  8-Bit Single Chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863364 データシート(HTML) 4 Page - Sanyo Semicon Device

  LC863364 Datasheet HTML 1Page - Sanyo Semicon Device LC863364 Datasheet HTML 2Page - Sanyo Semicon Device LC863364 Datasheet HTML 3Page - Sanyo Semicon Device LC863364 Datasheet HTML 4Page - Sanyo Semicon Device LC863364 Datasheet HTML 5Page - Sanyo Semicon Device LC863364 Datasheet HTML 6Page - Sanyo Semicon Device LC863364 Datasheet HTML 7Page - Sanyo Semicon Device LC863364 Datasheet HTML 8Page - Sanyo Semicon Device LC863364 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LC863364/56/48/40A
No.6696-4/20
- Interrupt priority control
Three interrupt priorities are supported (low, high and highest) and multi-level nesting is possible.
Low or high
priority can be assigned to the interrupts from 3 to 9 listed above.
For the external interrupt INT0 and INT1, high
or highest priority can be set.
(14) Sub-routine stack level
- A maximum of 128 levels (stack is built in the internal RAM)
(15) Multiplication/division instruction
- 16 bits
× 8 bits (7 instruction cycle times)
- 16 bits / 8 bits (7 instruction cycle times)
(16) 3 oscillation circuits
- Built-in RC oscillation circuit used for the system clock
- Built-in VCO circuit used for the system clock and OSD
- X’tal oscillation circuit used for base timer, system clock and PLL reference
(17) Standby function
- HALT mode
The HALT mode is used to reduce the power dissipation.
In this operation mode, the program execution is
stopped.
This mode can be released by the interrupt request or the system reset.
- HOLD mode
The HOLD mode is used to stop the oscillations; RC (internal), VCO, and X’tal oscillations.
This mode can be
released by the following conditions.
• Pull the reset terminal ( RES ) to low level.
• Feed the selected level to either P70/INT0 or P71/INT1.
• Input the interrupt condition to Port 0.
(18) Package
- DIP42S
- QIP48E
(19) Development tools
- Flash EEPROM:
2 Flash microcontrollers are available:LC86F3364A,LC86F3348A. Flash version is different on
which microcontroller is used.
LC86F3364A (LC863364A / LC863356A)
(under development)
LC86F3348A (LC863348A / LC863340A)
- Evaluation chip:
LC863096
- Emulator:
EVA86000 (main) + ECB863200 (evaluation chip board)
+ POD863300 (pod: DIP42S) or POD863301 (QIP48E)


同様の部品番号 - LC863364

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC863364C SANYO-LC863364C Datasheet
160Kb / 21P
   8-bit 1-chip Microcontroller
More results

同様の説明 - LC863364

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com