データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC863228A データシート(PDF) 11 Page - Sanyo Semicon Device

部品番号 LC863228A
部品情報  8-Bit Single Chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863228A データシート(HTML) 11 Page - Sanyo Semicon Device

Back Button LC863228A Datasheet HTML 7Page - Sanyo Semicon Device LC863228A Datasheet HTML 8Page - Sanyo Semicon Device LC863228A Datasheet HTML 9Page - Sanyo Semicon Device LC863228A Datasheet HTML 10Page - Sanyo Semicon Device LC863228A Datasheet HTML 11Page - Sanyo Semicon Device LC863228A Datasheet HTML 12Page - Sanyo Semicon Device LC863228A Datasheet HTML 13Page - Sanyo Semicon Device LC863228A Datasheet HTML 14Page - Sanyo Semicon Device LC863228A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LC863232/28/24/20/16A
No.6693-11/20
3. Electrical Characteristics at Ta=-10
°C to +70°C, VSS=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
IIH(1)
Ports 0, 1, 6, 7, 8
•Output disable
•Pull-up MOS Tr.
OFF
•VIN=VDD
(including the off-
leak current of the
output Tr.)
4.5 - 5.5
1
High level input
current
IIH(2)
• RES
• HS , VS
•VIN=VDD
4.5 - 5.5
1
IIL(1)
Ports 0, 1, 6, 7, 8
•Output disable
•Pull-up MOS
Tr. OFF
•VIN=VSS
(including the off-
leak current of the
output Tr.)
4.5 - 5.5
-1
Low level input
current
IIL(2)
• RES
• HS , VS
VIN=VSS
4.5 - 5.5
-1
µA
VOH(1)
•CMOS output of
ports 0,1,71-73,8
IOH=-1.0mA
4.5 - 5.5
VDD-1
High level output
voltage
VOH(2)
R, G, B, I, BL
IOH=-0.1mA
4.5 - 5.5
VDD-0.5
VOL(1)
Ports 0,1,71-73,8
IOL=10mA
4.5 - 5.5
1.5
VOL(2)
Ports 0,1,71-73,8
IOL=1.6mA
4.5 - 5.5
0.4
VOL(3)
•R, G, B, I, BL
•Port 6
IOL=3.0mA
4.5 - 5.5
0.4
VOL(4)
Port 6
IOL=6.0mA
4.5 - 5.5
0.6
Low level output
voltage
VOL(5)
Port 70
IOL=1mA
4.5 - 5.5
0.4
V
Pull-up MOS
Tr. resistance
Rpu
•Ports 0, 1, 7, 8
VOH=0.9VDD
4.5 - 5.5
13
38
80
k
Bus terminal
short circuit
resistance
(SCL0-SCL1,
SDA0-SDA1)
RBS
•P60-P62
•P61-P63
4.5 - 5.5
130
Hysteresis
voltage
VHIS
•Ports 0, 1, 6, 7
• RES
• HS , VS
Output disable
4.5 - 5.5
0.1VDD
Input clump
votage
VCLMP
CVIN
5.0
2.3
2.5
2.7
V
Pin capacitance
CP
All pins
•f=1MHz
•Every other
terminals are
connected to VSS.
•Ta=25
°C
4.5 - 5.5
10
pF


同様の部品番号 - LC863228A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC863228C SANYO-LC863228C Datasheet
502Kb / 21P
   8-bit 1-chip Microcontroller
More results

同様の説明 - LC863228A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com