データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC865624A データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 LC865624A
部品情報  8-Bit Single Chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865624A データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button LC865624A Datasheet HTML 6Page - Sanyo Semicon Device LC865624A Datasheet HTML 7Page - Sanyo Semicon Device LC865624A Datasheet HTML 8Page - Sanyo Semicon Device LC865624A Datasheet HTML 9Page - Sanyo Semicon Device LC865624A Datasheet HTML 10Page - Sanyo Semicon Device LC865624A Datasheet HTML 11Page - Sanyo Semicon Device LC865624A Datasheet HTML 12Page - Sanyo Semicon Device LC865624A Datasheet HTML 13Page - Sanyo Semicon Device LC865624A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LC865632/28/24/20/16/12/08A
No.6698-10/20
2. Recommended Operating Range at Ta=-30
°C to +70°C, VSS=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
VDD(1)
0.98
µs ≤ tCYC ≤
400
µs
4.5
6.0
Operating
supply voltage
range
VDD(2)
VDD
3.9
µs ≤ tCYC ≤
400
µs
2.5
6.0
Hold voltage
VHD
VDD
RAMs and the
registers hold
voltage at HOLD
mode.
2.0
6.0
VIH(1)
Port 0 (Schmitt)
Output disable
2.5-6.0
0.4VDD
+0.9
VDD
VIH(2)
•Ports 1,2
•Ports 72,73 (Schmitt)
Output disable
2.5-6.0
0.75VDD
VDD
VIH(3)
•Port 70
(Port input/interrupt)
•Port 71
RES (Schmitt)
Output N-channel
Tr. OFF
2.5-6.0
0.75VDD
VDD
VIH(4)
Port 70
(Watchdog timer)
Output N-channel
Tr. OFF
2.5-6.0
0.9VDD
VDD
VIH(5)
•Port 74
•Port 8
Output N-channel
Tr. OFF
2.7-6.0
0.75VDD
VDD
4.0-6.0
0.75VDD
VDD
VIH(6)
Ports 3,4,5 of
CMOS output
Output disable
2.5-4.0
0.8VDD
VDD
4.0-6.0
0.75VDD
13.5
Input high
voltage
VIH(7)
Ports 3,4,5 of open
drain output
Output disable
2.5-4.0
0.
8VDD
13.5
VIL(1)
Port 0 (Schmitt)
Output disable
2.5-6.0
VSS
0.2VDD
VIL(2)
•Ports 1,2,3,4,5
•Ports 72,73 (Schmitt)
Output disable
2.5-6.0
VSS
0.25VDD
VIL(3)
•Port 70
(Port input/interrupt)
•Port 71
RES (Schmitt)
N-channel
Tr. OFF
2.5-6.0
VSS
0.25VDD
VIL(4)
Port 70
(Watchdog timer)
N-channel
Tr. OFF
2.5-6.0
VSS
0.8VDD
-1.0
Input low
voltage
VIL(5)
•Port 74
•Port 8
Output N-channel
Tr. OFF
2.5-6.0
VSS
0.25VDD
V
4.5-6.0
0.98
400
Operation
cycle time
tCYC
2.5-6.0
3.9
400
µs
Continue.


同様の部品番号 - LC865624A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC865624 SANYO-LC865624 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC865624 SANYO-LC865624 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

同様の説明 - LC865624A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com