データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC866528A データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LC866528A
部品情報  8-Bit Single Chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866528A データシート(HTML) 1 Page - Sanyo Semicon Device

  LC866528A Datasheet HTML 1Page - Sanyo Semicon Device LC866528A Datasheet HTML 2Page - Sanyo Semicon Device LC866528A Datasheet HTML 3Page - Sanyo Semicon Device LC866528A Datasheet HTML 4Page - Sanyo Semicon Device LC866528A Datasheet HTML 5Page - Sanyo Semicon Device LC866528A Datasheet HTML 6Page - Sanyo Semicon Device LC866528A Datasheet HTML 7Page - Sanyo Semicon Device LC866528A Datasheet HTML 8Page - Sanyo Semicon Device LC866528A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
91400 RM (IM) SK No.6700-1/21
Ver.1.05
71896
Preliminary
Overview
- CPU : Operable at a minimum bus cycle time of 0.5
µs (microsecond)
- On-chip ROM maximum capacity : 48K bytes
- On-chip RAM capacity : 1152 bytes
(LC866548A/40A/32A)
: 896 bytes (LC866528A/24A)
- VFD automatic display controller/driver
- 16-bit timer/counter (or two 8-bit timers)
- 16-bit timer/ PWM (or two 8-bit timers)
- 8-channels
× 8 bit AD Converter
- Two 8-bit synchronous serial-interface circuits (1-channel
× 16 bit, 1-channel × 8 bit)
- 14-source 10-vectored interrupt system
All of the above functions are fabricated on a single chip.
Features
(1) Read Only Memory (ROM)
: LC866548A
49152
× 8 bits
: LC866540A
40960
× 8 bits
: LC866532A
32768
× 8 bits
: LC866528A
28672
× 8 bits
: LC866524A
24576
× 8 bits
8-Bit Single Chip Microcontroller
LC866548/40/32/28/24A
Ordering number : ENN*6700
CMOS IC


同様の部品番号 - LC866528A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC866528 SANYO-LC866528 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866528 SANYO-LC866528 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

同様の説明 - LC866528A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com