データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC1GU04 データシート(PDF) 4 Page - Diodes Incorporated

部品番号 74AHC1GU04
部品情報  UNBUFFERED SINGLE INVERTER GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1GU04 データシート(HTML) 4 Page - Diodes Incorporated

  74AHC1GU04 Datasheet HTML 1Page - Diodes Incorporated 74AHC1GU04 Datasheet HTML 2Page - Diodes Incorporated 74AHC1GU04 Datasheet HTML 3Page - Diodes Incorporated 74AHC1GU04 Datasheet HTML 4Page - Diodes Incorporated 74AHC1GU04 Datasheet HTML 5Page - Diodes Incorporated 74AHC1GU04 Datasheet HTML 6Page - Diodes Incorporated 74AHC1GU04 Datasheet HTML 7Page - Diodes Incorporated 74AHC1GU04 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74AHC1GU04
UNBUFFERED SINGLE INVERTER GATE
74AHC1GU04
Document number: DS35178 Rev. 1 - 2
4 of 8
www.diodes.com
March 2011
© Diodes Incorporated
Electrical Characteristics
Symbol
Parameter
Test Conditions
VCC
25ºC
-40ºC to 85ºC
-40ºC to 125ºC
Unit
Min
Typ.
Max
Min
Max
Min
Max
VOH
High Level
Output
Voltage
IOH = -50μA
2V
1.8
2
1.75
1.75
V
3V
2.7
3
2.65
2.65
4.5V
4.0
4.5
3.9
3.9
IOH = -3mA
3V
2.58
2.5
2.5
IOH = -6mA
4.5V
3.94
3.8
3.8
VOL
Low Level
Output
Voltage
IOL = 50μA
2V
0.2
0.2
0.2
V
3V
0.3
0.3
0.3
4.5V
0.5
0.5
0.5
IOL = 3mA
3V
0.36
0.44
0.55
IOL = 6mA
4.5V
0.36
0.44
0.55
II
Input Current
VI = 5.5V or GND
0 to 5.5V
± 0.1
± 1
± 2
μA
ICC
Supply
Current
VI = 5.5V or GND
IO=0
5.5V
1
10
40
μA
CI
Input
Capacitance
VI = VCC – or GND
5.5V
2.0
10
10
10
pF
θJA
Thermal
Resistance
Junction-to-
Ambient
SOT25
(Note 4)
195
oC/W
SOT353
430
θJC
Thermal
Resistance
Junction-to-
Case
SOT25
(Note 4)
58
oC/W
SOT353
155
Note:
4. Test conditions for SOT25, and SOT353: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout
Switching Characteristics
VCC = 3.3V ± 0.3 (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
25ºC
-40ºC to 85ºC
-40ºC to 125ºC
Unit
Min
Typ.
Max
Min
Max
Min
Max
tpd
A
Y
CL=15pF
0.6
3.4
7.1
0.6
8.5
0.6
10.0
ns
CL=50pF
0.6
4.9
10.6
0.6
12.0
0.6
13.0
ns
VCC = 5V ± 0.5V (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
25ºC
-40ºC to 85ºC
-40ºC to 125ºC
Unit
Min
Typ.
Max
Min
Max
Min
Max
tpd
A
Y
CL=15pF
0.6
2.6
5.5
0.6
6.0
0.6
7.0
ns
CL=50pF
0.6
3.6
7.0
0.6
8.0
0.6
9.0
ns


同様の部品番号 - 74AHC1GU04

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC1GU04 PHILIPS-74AHC1GU04 Datasheet
106Kb / 16P
   Inverter
1999 May 19
74AHC1GU04 NXP-74AHC1GU04 Datasheet
94Kb / 12P
   Inverter
Rev. 05-10 July 2007
logo
Nexperia B.V. All right...
74AHC1GU04 NEXPERIA-74AHC1GU04 Datasheet
233Kb / 12P
   Inverter
Rev. 6 - 12 January 2022
74AHC1GU04-Q100 NEXPERIA-74AHC1GU04-Q100 Datasheet
703Kb / 13P
   The 74AHC1GU04-Q100 is a high-speed Si-gate CMOS device. It provides an inverting single stage function
logo
Texas Instruments
74AHC1GU04DBVRE4 TI-74AHC1GU04DBVRE4 Datasheet
475Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
More results

同様の説明 - 74AHC1GU04

メーカー部品番号データシート部品情報
logo
Minilogic Device Corpor...
ML74WLCE MINILOGIC-ML74WLCE Datasheet
154Kb / 4P
   Inverter (unbuffered) and OR Gate (unbuffered)
ML74WLAC MINILOGIC-ML74WLAC Datasheet
155Kb / 4P
   NAND Gate (unbuffered) and Inverter (unbuffered)
ML74WLBC MINILOGIC-ML74WLBC Datasheet
154Kb / 4P
   NOR Gate (unbuffered) and Inverter (unbuffered)
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_07 Datasheet
78Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
MC74VHC1GU04DF1G ONSEMI-MC74VHC1GU04DF1G Datasheet
72Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
NL17SZU04 ONSEMI-NL17SZU04_V01 Datasheet
157Kb / 13P
   Single Unbuffered Inverter
June, 2022 - Rev. 12
logo
Nexperia B.V. All right...
74HC1GU04_Q100 NEXPERIA-74HC1GU04_Q100 Datasheet
244Kb / 13P
   Single unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
MC74HC1GU04 ONSEMI-MC74HC1GU04 Datasheet
65Kb / 6P
   Single Unbuffered Inverter
January, 2005 ??Rev. 8
NLVVHC1GU04 ONSEMI-NLVVHC1GU04 Datasheet
71Kb / 5P
   Single Unbuffered Inverter
November, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74HC1GU04 NEXPERIA-74HC1GU04 Datasheet
246Kb / 13P
   Single unbuffered inverter
Rev. 7 - 4 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com