データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM358S-13 データシート(PDF) 5 Page - Diodes Incorporated

部品番号 LM358S-13
部品情報  LOW POWER DUAL OPERATIONAL AMPLIFIERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM358S-13 データシート(HTML) 5 Page - Diodes Incorporated

  LM358S-13 Datasheet HTML 1Page - Diodes Incorporated LM358S-13 Datasheet HTML 2Page - Diodes Incorporated LM358S-13 Datasheet HTML 3Page - Diodes Incorporated LM358S-13 Datasheet HTML 4Page - Diodes Incorporated LM358S-13 Datasheet HTML 5Page - Diodes Incorporated LM358S-13 Datasheet HTML 6Page - Diodes Incorporated LM358S-13 Datasheet HTML 7Page - Diodes Incorporated LM358S-13 Datasheet HTML 8Page - Diodes Incorporated LM358S-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LM358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
LM358
Document number: DS35167 Rev. 2 - 2
5 of 14
www.diodes.com
February 2011
© Diodes Incorporated
Typical Single-Supply Circuit (Continued) (V
+
=5.0VDC)
+
-
V
O
R2
10M
+V
IN
Comparator with Hysteresis
+V
REF
R1
10K
+
-
V
O
R2
10M
+V
IN
Comparator with Hysteresis
+V
REF
R1
10K
AC Coupled Inverting Amplifier
+
-
R1
10K
V
IN
+
C
IN
R
f
10K
R2
100K
R3
100K
C1
10?F
+
R
B
6.2K
R
L
10K
C
O
V
O
03 Vpp
AV=
(As shown, A
V=10 )
R
f
R1
V+
AC Coupled Inverting Amplifier
+
-
R1
10K
V
IN
+
C
IN
R
f
10K
R2
100K
R3
100K
C1
10?F
+
R
B
6.2K
R
L
10K
C
O
V
O
03 Vpp
AV=
(As shown, A
V=10 )
R
f
R1
V+
+
-
V
O
R4
1M
+V
CM
Ground Referencing a Differential
Input Signal
V
R
R1
1M
R2
1M
R3
1M
R
+
-
V
O=VR
+
-
V
O
R4
1M
+V
CM
Ground Referencing a Differential
Input Signal
V
R
R1
1M
R2
1M
R3
1M
R
+
-
V
O=VR
AC Coupled Non-Inverting Amplifier
+
-
V
IN
+
C
IN
R1
100K
C1
0.1?F
+
R
B
6.2K
R
L
10K
C
O
V
O
03 Vpp
R2
1M
R3
1M
C2
10?F
R4
100K
R5
100K
V+
A
V=1+
R2
R1
A
V=11(As Sh own)
AC Coupled Non-Inverting Amplifier
+
-
V
IN
+
C
IN
R1
100K
C1
0.1?F
+
R
B
6.2K
R
L
10K
C
O
V
O
03 Vpp
R2
1M
R3
1M
C2
10?F
R4
100K
R5
100K
V+
A
V=1+
R2
R1
A
V=11(As Sh own)
+
-
V
O
R4
100K
V
IN
DC Coupled Low-Pass RC Active Filter
R1
16K
R2
16K
C1
0.01?F
C2
0.01?F
R3
100K
V
O
f
O
0
f
O = 1KHz
Q = 1
A
V=2
+
-
V
O
R4
100K
V
IN
DC Coupled Low-Pass RC Active Filter
R1
16K
R2
16K
C1
0.01?F
C2
0.01?F
R3
100K
V
O
f
O
0
f
O = 1KHz
Q = 1
A
V=2
High Input Z, DC Differential Amplifier
+
-
V
O
+
-
R3
100K
R4
100K
R2
100K
R1
100K
+V
1
+V
2
R1
R2
R4
R3
For
=
(CMRR depends on this
resistor ratio match)
V
O
= (1+
)(V
2
-V
1
)
R4
R3
As Shown: V
O
= 2(V
2
-V
1
)
High Input Z, DC Differential Amplifier
+
-
V
O
+
-
R3
100K
R4
100K
R2
100K
R1
100K
+V
1
+V
2
R1
R2
R4
R3
For
=
(CMRR depends on this
resistor ratio match)
V
O
= (1+
)(V
2
-V
1
)
R4
R3
As Shown: V
O
= 2(V
2
-V
1
)


同様の部品番号 - LM358S-13

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
STMicroelectronics
LM358S STMICROELECTRONICS-LM358S Datasheet
286Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
TAITRON Components Inco...
LM358S8-XX-AR TAITRON-LM358S8-XX-AR Datasheet
536Kb / 11P
   Dual Operational Amplifier
LM358S8-XX-BL TAITRON-LM358S8-XX-BL Datasheet
536Kb / 11P
   Dual Operational Amplifier
LM358S8-XX-TR30 TAITRON-LM358S8-XX-TR30 Datasheet
536Kb / 11P
   Dual Operational Amplifier
More results

同様の説明 - LM358S-13

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com