データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC865508 データシート(PDF) 11 Page - Sanyo Semicon Device

部品番号 LC865508
部品情報  8-Bit Single Chip Microcontroller????
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865508 データシート(HTML) 11 Page - Sanyo Semicon Device

Back Button LC865508 Datasheet HTML 7Page - Sanyo Semicon Device LC865508 Datasheet HTML 8Page - Sanyo Semicon Device LC865508 Datasheet HTML 9Page - Sanyo Semicon Device LC865508 Datasheet HTML 10Page - Sanyo Semicon Device LC865508 Datasheet HTML 11Page - Sanyo Semicon Device LC865508 Datasheet HTML 12Page - Sanyo Semicon Device LC865508 Datasheet HTML 13Page - Sanyo Semicon Device LC865508 Datasheet HTML 14Page - Sanyo Semicon Device LC865508 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LC86E5420
No.6805-11/21
2. Recommended Operating Range at VSS=0V and Ta=+10°C to +40°C
Parameter
Symbol
Pins
Conditions
Ratings
VDD [V]
min.
typ.
max.
unit
Operating
VDD
VDD
0.98
µs ≤ tCYC
4.5
6.0
V
supply
tCYC
≤ 400µs
voltage range
HOLD voltage
VHD
VDD
RAMs and
2.0
6.0
Registers hold
voltage at HOLD
mode.
Input high
VIH(1)
Port 0 at CMOS
Output disable
4.5 to 6.0 0.33VDD
VDD
voltage
output
+1.0
VIH(2)
Port 0 at N-ch
Output disable
4.0 to 6.0 0.75VDD
13.5
open drain output
option.
VIH(3)
•Port 1
Output disable
4.5 to 6.0 0.75VDD
VDD
•Ports 72, 73
•Port 3 at CMOS
output
VIH(4)
Port 3 at N-ch
Output disable
4.5 to 6.0 0.75VDD
13.5
open drain output
option.
VIH(5)
•Port 70
Output disable
4.5 to 6.0 0.75VDD
VDD
Port input /
interrupt
•Port 71
•RES
VIH(6)
Port 70
Output disable
4.5 to 6.0 0.9VDD
VDD
Watchdog timer
VIH(7)
•Port 8
Output disable
4.5 to 6.0 0.75VDD
VDD
•Ports 74, 75
Using as port
Input low
VIL(1)
Port 0 at CMOS
Output disable
4.5 to 6.0
VSS
0.2VDD
voltage
output option
VIL(2)
Port 0 at N-ch
Output disable
4.5 to 6.0
VSS
0.25VDD
open drain output
option.
VIL(3)
•Ports 1, 3
Output disable
4.5 to 6.0
VSS
0.25VDD
•Ports 72, 73
VIL(4)
•Port 70
Output disable
4.5 to 6.0
VSS
0.25VDD
Port input /
interrupt
•Port 71
•RES
VIL(5)
Port 70
Output disable
4.5 to 6.0
VSS
0.8VDD
Watchdog timer
--1.0
VIL(6)
•Port 8
Output disable
4.5 to 6.0
VSS
0.25VDD
•Ports 74, 75
Using as port
Operation
tCYC
4.5 to 6.0
0.98
400
µs
cycle time


同様の部品番号 - LC865508

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC865508 SANYO-LC865508 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC865508B SANYO-LC865508B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865508B SANYO-LC865508B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
More results

同様の説明 - LC865508

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com