データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC866532 データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LC866532
部品情報  8-Bit Single Chip Microcontroller with the UVEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866532 データシート(HTML) 4 Page - Sanyo Semicon Device

  LC866532 Datasheet HTML 1Page - Sanyo Semicon Device LC866532 Datasheet HTML 2Page - Sanyo Semicon Device LC866532 Datasheet HTML 3Page - Sanyo Semicon Device LC866532 Datasheet HTML 4Page - Sanyo Semicon Device LC866532 Datasheet HTML 5Page - Sanyo Semicon Device LC866532 Datasheet HTML 6Page - Sanyo Semicon Device LC866532 Datasheet HTML 7Page - Sanyo Semicon Device LC866532 Datasheet HTML 8Page - Sanyo Semicon Device LC866532 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LC86E6548
No.6747-4/21
How to use
(1) Preparation
A complete evaluation (EVA) file must be converted to an INTEL-HEX formatted file (HEX) file for program to the
LC86E6548.
An EVA2HEX.EXE. can convert a EVA file to a HEX file.
Program the file that converted by the EVA2HEX to the LC86E6548.
(2) How to program for the EPROM
LC86E6548 can be programmed by the EPROM programmer with attachment ; W86EP6548Q.
• Recommended EPROM programmer
Productor
EEPROM programmer
Advantest
R4945, R4944, R4943
Andou
AF-9704
AVAL
PKW-1100, PKW-3000
Minato electronics
MODEL 1890A
• “27512 (Vpp=12.5V) Intel high speed programming” mode available.
The address must be set to
“0 to 0FFFFH” and a jumper (DASEC) must be set to ‘OFF’ at programming.
(3) How to use the data security function
“Data security” is the disabled function to read the data of the EPROM.
The following is the process in order to execute the data security.
1. Set ‘ON’ the jumper of attachment.
2. Program again. Then EPROM programmer displays the error.
The error means normally
activity of the data security. It is not a trouble of the EPROM programmer or the LSI.
Notes
• Data security is not executed when the data of all address have ‘FFH’ at the sequence 2 above.
• The programming by a sequential operation “BLANK
⇒PROGRAM⇒VERIFY” cannot be executed data security at the
sequence 2 above.
• Set to ‘OFF’ the jumper after executing the data security.
W86EP6548Q
(4) How to eliminate
The programming data can be erased by using the EPROM eraser.
(5) Shielding
The UVEPROM (ultraviolet erasable programmable ROM) is in it. Put the seal on the window in use.
Data security
1 pin
1 pin mark
of LSI
Not data security


同様の部品番号 - LC866532

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC866532 SANYO-LC866532 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC866532A SANYO-LC866532A Datasheet
641Kb / 21P
   8-Bit Single Chip Microcontroller
More results

同様の説明 - LC866532

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com