データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11685VH データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LB11685VH
部品情報  Monolithic Digital IC 3-phase sensor less Motor driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11685VH データシート(HTML) 1 Page - Sanyo Semicon Device

  LB11685VH Datasheet HTML 1Page - Sanyo Semicon Device LB11685VH Datasheet HTML 2Page - Sanyo Semicon Device LB11685VH Datasheet HTML 3Page - Sanyo Semicon Device LB11685VH Datasheet HTML 4Page - Sanyo Semicon Device LB11685VH Datasheet HTML 5Page - Sanyo Semicon Device LB11685VH Datasheet HTML 6Page - Sanyo Semicon Device LB11685VH Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ordering number : ENA1773
Monolithic Digital IC
3-phase sensor less
Motor driver
LB11685VH
Overview
The LB11685VH is a three-phase full-wave current-linear-drive motor driver IC. It adopts a sensor less control system
without the use of a Hall Effect device. For quieter operation, the LB11685VH features a current soft switching circuit and
be optimal for driving the cooling fan motors used in refrigerators, etc.
Functions
• Three-phase full-wave linear drive (Hall sensor-less method )
• Built-in three-phase output voltage control circuit
• Built-in current limiter circuit
• Built-in motor lock protection circuit
• Motor lock protection detection output
• FG output made by back EMF
• Built-in thermal shut down circuit
• Beat lock prevention circuit
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
19
V
Input applied voltage
VIN max
-0.3 to VCC +0.3
V
Maximum output current
IO max *1
1.2
A
Allowable power dissipation
Pd max
Mounted on a board *2
1.4
W
Operating temperature
Topr
-40 to 85
°C
Storage temperature
Tstg
-55 to 150
°C
Junction temperature
Tj max
150
°C
*1: The IO is a peak value of motor-current.
*2: Specified board: 76.1mm
× 114.3mm × 1.6mm, glass epoxy board.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
61610 SY 20100604-S00002 No.A1773-1/7


同様の部品番号 - LB11685VH

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11685VH ONSEMI-LB11685VH Datasheet
115Kb / 7P
   3-phase sensor less Motor driver
May, 2013
More results

同様の説明 - LB11685VH

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11685AV SANYO-LB11685AV Datasheet
182Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
logo
ON Semiconductor
LB11685AV ONSEMI-LB11685AV Datasheet
120Kb / 9P
   Monolithic Digital IC 3?릔hase Sensor Less Motor Driver
January, 2018 ??Rev. 1
logo
Sanyo Semicon Device
LV8806GQ SANYO-LV8806GQ Datasheet
242Kb / 6P
   3-phase sensor-less Motor Driver IC
logo
ON Semiconductor
LV8806QA ONSEMI-LV8806QA Datasheet
338Kb / 8P
   3-phase sensor-less Motor Driver IC
April, 2013
LB11685AV-TLM-H ONSEMI-LB11685AV-TLM-H Datasheet
113Kb / 7P
   3-phase sensor less Motor driver
May, 2013
LB11685VH ONSEMI-LB11685VH Datasheet
115Kb / 7P
   3-phase sensor less Motor driver
May, 2013
logo
List of Unclassifed Man...
AM2355N ETC1-AM2355N Datasheet
358Kb / 11P
   3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
AMtek SEMICONDUCTORS CO...
AM8919 AMTEK-AM8919 Datasheet
336Kb / 12P
   3-phase Sensor-less Fan Motor Driver
Jul. 2014 V1.11
AM2355N AMTEK-AM2355N Datasheet
358Kb / 11P
   3-phase Sensor-less Fan Motor Driver
OCT. 2013 V1.2
logo
Princeton Technology Co...
PT2432 PTC-PT2432 Datasheet
539Kb / 6P
   3-Phase Sensor-less BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com