データシートサーチシステム |
|
LC866548 データシート(PDF) 3 Page - Sanyo Semicon Device |
|
LC866548 データシート(HTML) 3 Page - Sanyo Semicon Device |
3 / 22 page LC86P6548 No.6690-3/22 • A kind of the option not corresponding of the LC86P6548 A kind of option Pins, Circuits LC86P6548 LC866548/40/32/28/24 Pull-down resistor of the high voltage Withstand output terminals •S0/T0 to S6/T6 •S16 to S31 •S32 to S47 Not provided Provided (fixed) Not provided Specified by the option Specified by the option Specified by the option (2) Option The option data is created by the option specified program “SU86K.EXE”. The created option data is linked to the program area by linkage loader “L86K.EXE”. (3) ROM space LC86P6548 and LC866500 series use 256 bytes that is addressed on 0FF00H to 0FFFFH in the program memory as the option specified data area. These program memory capacity are 49152 bytes that is addressed on 0000H to BFFFH. (4) Ordering information 1. When ordering the identical mask ROM and PROM devices simultaneously. Provide an EPROM containing the target memory contents together with the separate order forms for each of the mask ROM and PROM versions. 2. When ordering a PROM device. Provide an EPROM containing the target memory contents together with an order form. 0FFFFH 0FF00H 0EFFFH 0DFFFH 0CFFFH 0BFFFH 0AFFFH 9FFFH 8FFFH 7FFFH 6FFFH 5FFFH 4FFFH 3FFFH 2FFFH 1FFFH 0FFFH 0000H The option specified area 256 bytes The option specified area Program area 48K bytes Program area 40K bytes Program area 32K bytes Program area 28K bytes Program area 24K bytes LC866540 LC866548 LC866532 LC866528 LC866524 The option specified area The option specified area The option specified area |
同様の部品番号 - LC866548 |
|
同様の説明 - LC866548 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |