データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC866420 データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LC866420
部品情報  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866420 データシート(HTML) 2 Page - Sanyo Semicon Device

  LC866420 Datasheet HTML 1Page - Sanyo Semicon Device LC866420 Datasheet HTML 2Page - Sanyo Semicon Device LC866420 Datasheet HTML 3Page - Sanyo Semicon Device LC866420 Datasheet HTML 4Page - Sanyo Semicon Device LC866420 Datasheet HTML 5Page - Sanyo Semicon Device LC866420 Datasheet HTML 6Page - Sanyo Semicon Device LC866420 Datasheet HTML 7Page - Sanyo Semicon Device LC866420 Datasheet HTML 8Page - Sanyo Semicon Device LC866420 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LC86P6449
No.6689-2/22
(4) Operating supply voltage
: 4.5V to 6.0V
(5) Instruction cycle time
: 1.0
µs to 366µs
(6) Operating temperature
: -30
°C to +70°C
(7) The pin and the package compatible with the LC866400 series mask ROM devices
(8) Applicable mask ROM version
: LC866448/LC866444/LC866440/LC866436//LC866432/LC866428
/LC866424/LC866420/LC866416/LC866412/LC866408
Notice for use
LC86P6449 is provided for the first release and small shipping of the LC866400 series.
At using, take notice of the followings.
(1) A point of difference LC86P6449 and LC866400 series
Item
LC86P6449
LC866448/44/40/36/32/28/24/20/16/12/08
Operation after reset
releasing
The option is specified until 3ms after
going to a ‘H’ level to the reset terminal by
dgrees.
The program is executed from
00H of the program counter.
The program is executed from 00H of the
program counter immediately after going to a
‘H’ level to reset terminal.
Pull-down resistor of
the following pins
•S0/T0 – S6/T6
•S7/T7 – S15/T15
•S16 – S27
•S28 – S37
Pull-down resistor
provided/not provided
Not provided
Provided (fixed)
Provided (fixed)
Not provided
Pull-down resistor
provided/not provided
Specified by the option
Provided (fixed)
Specified by the option
Specified by the option
Operating supply
Voltage range (VDD)
4.5V to 6.0V
2.5V to 6.0V
“L” level hold Tr. of the
high voltage withstand input
terminal
Power dissipation
Refer to ‘electrical characteristics’ on the semiconductor news.
LC86P6449 uses 256 bytes that is addressed on FF00H to FFFFH in the program memory as the option configuration
data area.
This option configuration cannot execute all options which LC866400 series have.
Next tables show the
options that correspond and not correspond to LC86P6449.
• A kind of the option corresponding of the LC86P6449
A kind of option
Pins, Circuits
Contents of the option
1. N-channel open drain output
2. CMOS output
*1
Port 0
1. Pull-up MOS Tr. proveded
2. Pull-up MOS Tr. not provided
*2
Port 1
*1
1. Input
: Programmable pull-up MOS Tr.
Output : N-channel open drain
2. Input
: Programmable pull-up MOS Tr.
Output : CMOS
Input/output form of
Input/output ports
Port 3
*1
1. Input
: No Programmable pull-up MOS Tr.
Output : N-channel open drain
2. Input
: Programmable pull-up MOS Tr.
Output : CMOS
Pull-up MOS Tr. of input ports
Port 7
*1
1. No Pull-up MOS Tr.
2. Pull-up MOS Tr.
*1) Specified in a bit
*2) Specified in nibble unit.
The port of N-channel open drain output does not have the Pull-up MOS Tr..


同様の部品番号 - LC866420

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC866420 SANYO-LC866420 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866420A SANYO-LC866420A Datasheet
2Mb / 22P
   8-Bit Single Chip Microcontroller???
LC866420A SANYO-LC866420A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
LC866420B SANYO-LC866420B Datasheet
660Kb / 21P
   8-Bit Single Chip Microcontroller
More results

同様の説明 - LC866420

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com