データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC876596B データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LC876596B
部品情報  8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876596B データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LC876596B Datasheet HTML 5Page - Sanyo Semicon Device LC876596B Datasheet HTML 6Page - Sanyo Semicon Device LC876596B Datasheet HTML 7Page - Sanyo Semicon Device LC876596B Datasheet HTML 8Page - Sanyo Semicon Device LC876596B Datasheet HTML 9Page - Sanyo Semicon Device LC876596B Datasheet HTML 10Page - Sanyo Semicon Device LC876596B Datasheet HTML 11Page - Sanyo Semicon Device LC876596B Datasheet HTML 12Page - Sanyo Semicon Device LC876596B Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LC876596B/80B
No.6717-9/23
Port Output Configuration
Output configuration and pull-up/pull-down resistor options are shown in the following table.
Input /output is possible even when port is set to output mode.
Terminal
Option applies to: Options
Output Format
Pull-up resistor
Pull-down
resistor
1
CMOS
Programmable
(Note 1)
-
P00 to P07
1 bit units
2
15 voltage Nch-open drain
None
-
1
CMOS
Programmable
-
P10 to P17
each bit
2
Nch-open drain
Programmable
-
1
CMOS
Programmable
-
P30 to P37
each bit
2
15V Nch-open drain
None
-
P70
-
None
Nch-open drain
Programmable
-
P71 to P73
-
None
CMOS
Programmable
-
P80 to P87
-
None
Nch-open drain
None
-
1
High voltage Pch-open drain
-
Fixed
S0/T0 to S6/T6
each bit
2
High voltage Pch-open drain
-
None
S7/T7 to S15/T15
S16 to S31
-
None
High voltage Pch-open drain
-
fixed
1
High voltage Pch-open drain
-
Fixed
S32 to S47
each bit
2
High voltage Pch-open drain
-
None
S48 to S51
-
None
High voltage Pch-open drain
-
None
XT1
-
None
Input only
None
-
XT2
-
None
Output for 32.768kHz crystal
oscillation
None
-
Note 1 Programmable pull-up resisters of Port 0 can be attatched in nibble units (P00-03, P04-07).
* Note 1: Connect as follows to reduce noise on VDD and increase the back-up time.
VSS1, and VSS2 must be connected together and grounded.
*Note 2 : The power supply for the internal memory is VDD1 but it uses the VDD2 as the power supply for ports. When the
VDD2 is not backed up, the port level does not become “H” even if the port latch is in the “H” level. Therefore,
when the VDD2 is not backed up and the port latch is “H” level, the port level is unstable in the HOLD mode, and
the back up time becomes shorter because the through current runs from VDD to GND in the input buffer.
If VDD2 is not backed up, output “L” by the program or pull the port to “L” by the external circuit in the HOLD
mode so that the port level becomes “L” level and unnecessary current consumption is prevented.
LSI
VDD1
Back-up capacitors *2
VDD2
VDD3
VSS2
VSS1
VDD4
Power
Supply
VFD
Powers


同様の部品番号 - LC876596B

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC876564A SANYO-LC876564A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC876572 SANYO-LC876572 Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC876572A SANYO-LC876572A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
More results

同様の説明 - LC876596B

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC876572A SANYO-LC876572A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
LC875064B SANYO-LC875064B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com