データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC876596B データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC876596B
部品情報  8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876596B データシート(HTML) 3 Page - Sanyo Semicon Device

  LC876596B Datasheet HTML 1Page - Sanyo Semicon Device LC876596B Datasheet HTML 2Page - Sanyo Semicon Device LC876596B Datasheet HTML 3Page - Sanyo Semicon Device LC876596B Datasheet HTML 4Page - Sanyo Semicon Device LC876596B Datasheet HTML 5Page - Sanyo Semicon Device LC876596B Datasheet HTML 6Page - Sanyo Semicon Device LC876596B Datasheet HTML 7Page - Sanyo Semicon Device LC876596B Datasheet HTML 8Page - Sanyo Semicon Device LC876596B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LC876596B/80B
No.6717-3/23
(9) Serial-interface
- SIO 0: 8 bit synchronous serial Interface
1) LSB first / MSB first function available
2) Internal 8 bit baud-rate generator (maximum transmit clock period 4 / 3 Tcyc)
3) Continuous automatic data communication (1-256 bits)
- SIO 1: 8 bit asynchronous / synchronous serial interface
Mode 0: Synchronous 8 bit serial IO (2-wire or 3-wire, transmit clock 2–512 Tcyc)
Mode 1: Asynchronous serial IO (half duplex, 8 data bits, 1 stop bit, baud rate 8–2048Tcyc)
Mode 2: Bus mode 1 (start bit, 8 data bits, transmit clock 2–512 Tcyc)
Mode 3: Bus mode 2 (start detection, 8 data bits, stop detection)
(10) AD converter
-8 bits
× 12 channels
(11) Remote control receiver circuit (connected to P73 / INT3 / T0IN terminal)
-Noise rejection function (noise rejection filter time constant can selected from 1 / 32 / 128 Tcyc)
(12) Watchdog timer
- The watching timer period is set using an external RC.
- Watchdog timer can produce interrupt, system reset
(13) Interrupts: 15-source, 10-vectored interrupts
1) Three priority (low, high and highest) multiple interrupts are supported.
During interrupt handling, an equal or
lower priority interrupt request is refused.
2) If interrupt requests to two or more vector addresses occur at once, the higher priority interrupt takes precedence.
In the case of equal priority levels, the vector with the lowest address takes precedence.
(14) Subroutine stack levels: 1024 levels max.
Stack is located in RAM.
(15) Multiplication and division
- 16 bit
× 8 bit (executed in 5 cycles)
- 24 bit
× 16 bit (12 cycles)
- 16 bit ÷ 8 bit (8 cycles)
- 24 bit ÷ 16 bit (12 cycles)
(16) Oscillation circuits
- On-chip RC oscillation circuit for system clock use.
- On-chip CF oscillation circuit for system clock use. (Rf built in)
- On-chip Crystal oscillation circuit low speed system clock use. (Rd, Rf external)
(17) Standby function
- HALT mode
HALT mode is used to reduce power consumption.
Program execution is stopped. Peripheral circuits still
operate but VFD display and some serial transfer operations stop.
1) Oscillation circuits are not stopped automatically.
2) Release occurs on system reset or by interrupt.
-HOLD mode
HOLD mode is used to reduce power consumption.
Both program execution and peripheral circuits are
stopped.
1) CF, RCand crystal oscillation circuits stop automatically.
2) Release occurs on any of the following conditions.
(1) input to the reset pin goes low
(2) a specified level is input at least one of INT0, INT1, INT2
(3) an interrupt condition arises at port 0


同様の部品番号 - LC876596B

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC876564A SANYO-LC876564A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC876572 SANYO-LC876572 Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC876572A SANYO-LC876572A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
More results

同様の説明 - LC876596B

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC876572A SANYO-LC876572A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
LC875064B SANYO-LC875064B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com