データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-7833-AZ データシート(PDF) 1 Page - NEC

部品番号 MC-7833-AZ
部品情報  GaAs MULTI-CHIP MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

MC-7833-AZ データシート(HTML) 1 Page - NEC

  MC-7833-AZ Datasheet HTML 1Page - NEC MC-7833-AZ Datasheet HTML 2Page - NEC MC-7833-AZ Datasheet HTML 3Page - NEC MC-7833-AZ Datasheet HTML 4Page - NEC MC-7833-AZ Datasheet HTML 5Page - NEC MC-7833-AZ Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
Document No. PG10092EJ03V0DS (3rd edition)
Date Published July 2005 CP(K)
Printed in Japan
GaAs MULTI-CHIP MODULE
MC-7833
870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
DATA SHEET
© NEC Compound Semiconductor Devices, Ltd. 2001, 2005
DESCRIPTION
The MC-7833 is a GaAs Multi-chip Module designed for use in CATV applications up to 870 MHz. This unit has
low distortion, low noise figure and return loss across the entire frequency band.
Reliability and performance uniformity are assured by our stringent quality and control procedures.
FEATURES
• Low distortion
• High linear gain
GL = 25.0 dB MIN. @f = 870 MHz
• Low return loss
ORDERING INFORMATION
Part Number
Order Number
Package
Supplying Form
MC-7833
MC-7833-AZ
7-pin special with heatsink
(Pb-Free)
50 pcs MAX./Tray
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order: MC-7833
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VDD
30
V
Input Voltage
Note
Vi
65.0
dBmV
Operating Case Temperature
TC
−30 to +100
°C
Storage Temperature
Tstg
−40 to +100
°C
Note In case of single tone
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The mark
shows major revised points.


同様の部品番号 - MC-7833-AZ

メーカー部品番号データシート部品情報
logo
California Eastern Labs
MC-7833-AZ CEL-MC-7833-AZ Datasheet
209Kb / 3P
   NECs 870 MHz GaAs CATV PUSH-PULL AMPLIFIER
MC-7833-AZ CEL-MC-7833-AZ Datasheet
281Kb / 7P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
Renesas Technology Corp
MC-7833-AZ RENESAS-MC-7833-AZ Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
More results

同様の説明 - MC-7833-AZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
MC-7833 RENESAS-MC-7833 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7836 RENESAS-MC-7836 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2008
MC-7883 RENESAS-MC-7883 Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2002
logo
NEC
MC-7881 NEC-MC-7881 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
MC-7883 NEC-MC-7883 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7832-HA RENESAS-MC-7832-HA Datasheet
264Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
MC-7845 RENESAS-MC-7845 Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7846 RENESAS-MC-7846 Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7891 RENESAS-MC-7891 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
MC-7893 RENESAS-MC-7893 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
logo
NEC
MC-7891 NEC-MC-7891 Datasheet
64Kb / 6P
   GaAs MULTI-CHIP MODULE
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com