データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC876580B データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LC876580B
部品情報  8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876580B データシート(HTML) 1 Page - Sanyo Semicon Device

  LC876580B Datasheet HTML 1Page - Sanyo Semicon Device LC876580B Datasheet HTML 2Page - Sanyo Semicon Device LC876580B Datasheet HTML 3Page - Sanyo Semicon Device LC876580B Datasheet HTML 4Page - Sanyo Semicon Device LC876580B Datasheet HTML 5Page - Sanyo Semicon Device LC876580B Datasheet HTML 6Page - Sanyo Semicon Device LC876580B Datasheet HTML 7Page - Sanyo Semicon Device LC876580B Datasheet HTML 8Page - Sanyo Semicon Device LC876580B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
91400 RM (IM) SK No.6717-1/23
Ver.1.04
12000
Preliminary
Overview
The LC876596B and LC876580B are 8 bit single chip microcontrollers with the following on-chip functional blocks :
- CPU: operable at a minimum bus cycle time of 100 ns
- On-chip ROM Maximum Capacity :
LC876596B
96K bytes
LC876580B
80K bytes
- On-chip RAM: 2048 bytes
- VFD automatic display controller / driver
- 16 bit timer / counter (can be divided into two 8 bit timers)
- 16 bit timer / PWM (can be divided into two 8 bit timers)
- timer for use as date / time clock
- synchronous serial I/O port (with automatic block transmit / receive function)
- asynchronous / synchronous serial I/O port
- 12-channel
× 8-bit AD converter
- Weak signal detector
- 15-source 10-vectored interrupt system
All of the above functions are fabricated on a single chip.
Features
(1) Read-Only Memory (ROM): LC876596B
98304
× 8 bits
LC876580B
81920
× 8 bits
(2) Random Access Memory (RAM): LC876596B/80B
2048
× 9 bits
(3) Minimum Bus Cycle Time: 100 ns (10 MHz)
Note: The bus cycle time indicates ROM read time.
8-Bit Single Chip Microcontroller with
96/80 KB ROM and 2048-Byte RAM On Chip
LC876596B/80B
Ordering number : ENN*6717
CMOS IC


同様の部品番号 - LC876580B

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC876564A SANYO-LC876564A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC876572 SANYO-LC876572 Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC876572A SANYO-LC876572A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
More results

同様の説明 - LC876580B

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC876572A SANYO-LC876572A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
LC875064B SANYO-LC875064B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com