データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC876694B データシート(PDF) 8 Page - Sanyo Semicon Device

部品番号 LC876694B
部品情報  8-Bit Single-Chip Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876694B データシート(HTML) 8 Page - Sanyo Semicon Device

Back Button LC876694B Datasheet HTML 4Page - Sanyo Semicon Device LC876694B Datasheet HTML 5Page - Sanyo Semicon Device LC876694B Datasheet HTML 6Page - Sanyo Semicon Device LC876694B Datasheet HTML 7Page - Sanyo Semicon Device LC876694B Datasheet HTML 8Page - Sanyo Semicon Device LC876694B Datasheet HTML 9Page - Sanyo Semicon Device LC876694B Datasheet HTML 10Page - Sanyo Semicon Device LC876694B Datasheet HTML 11Page - Sanyo Semicon Device LC876694B Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LC876694B/78B/62B
No.6843-8/23
Pin name
I/O
Function description
Option
PORT8
P80 to P87
I/O
• 8bit Input/output port
• Input/output can be specified in a bit unit
• Other functions:
AD input port: AN0 to AN7
Weak signal detector input port: MICIN(P87)
No
S0/T0 to
S6/T6
O
• Large current output for VFD display controller digit (can be used for segment)
Yes
S7/T7 to
S8/T8
O
• Large current output for VFD display controller digit (can be used for segment)
No
S9/T9 to
S15/T15
O
• Large current output for VFD display controller segment/digit
No
S16 to S23
I/O
• Output for VFD display controller segment/digit
• Other functions:
High voltage input port: PC0 to PC7
No
S24 to S31
I/O
• Output for VFD display controller segment
• Other functions:
High voltage input port: PD0 to PD7
No
S32 to S39
I/O
• Output for VFD display controller segment
• Other functions
High voltage input port: PE0 to PE7
Yes
S40 to S47
I/O
• Output for VFD display controller segment
• Other functions:
High voltage input/output port: PF0 to PF7
Yes
S48 to S51
I/O
• Output for VFD display controller segment
• Other functions:
High voltage input/output port: PG0 to PG3
No
RES
I
Reset terminal
No
XT1
I
• Input for 32.768kHz crystal oscillation
• Other functions:
General purpose input port
When not in use, connect to VDD1.
AD input port: AN10
No
XT2
I/O
• Output for 32.768kHz crystal oscillation
• Other functions:
General purpose input port
When not in use, set to oscillation mode and leave open circuit.
AD input port: AN11
No
CF1
I
Input terminal for ceramic oscillator
No
CF2
O
Output terminal for ceramic oscillator
No


同様の部品番号 - LC876694B

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC876696A SANYO-LC876696A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
More results

同様の説明 - LC876694B

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com