データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC876678B データシート(PDF) 11 Page - Sanyo Semicon Device

部品番号 LC876678B
部品情報  8-Bit Single-Chip Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876678B データシート(HTML) 11 Page - Sanyo Semicon Device

Back Button LC876678B Datasheet HTML 7Page - Sanyo Semicon Device LC876678B Datasheet HTML 8Page - Sanyo Semicon Device LC876678B Datasheet HTML 9Page - Sanyo Semicon Device LC876678B Datasheet HTML 10Page - Sanyo Semicon Device LC876678B Datasheet HTML 11Page - Sanyo Semicon Device LC876678B Datasheet HTML 12Page - Sanyo Semicon Device LC876678B Datasheet HTML 13Page - Sanyo Semicon Device LC876678B Datasheet HTML 14Page - Sanyo Semicon Device LC876678B Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LC876694B/78B/62B
No.6843-11/23
2. Recommended Operating Range at Ta=-30
°C to +70°C, VSS1=VSS2=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Operating
supply voltage
range
VDD(1)
VDD1=VDD2=VDD3
=VDD4
0.294
µs ≤ Tcyc
≤ 200µs
4.5
6.0
Hold voltage
VHD
VDD1
RAM and the
register data are
kept in HOLD
mode.
2.0
6.0
Pull-down
voltage
VP
VP
4.5 to 6.0
-35
VDD
VIH(1)
•Port 0,3: CMOS output
option
•Port 8
Output disable
4.5 to 6.0 0.3VDD
+0.7
VDD
VIH(2)
Port 0,3: N-ch open drain
output
Output disable
4.5 to 6.0 0.3VDD
+0.7
13.5
VIH(3)
•Port 1
•Port71,72,73
•P70 port input/interrupt
Output disable
4.5 to 6.0 0.3VDD
+0.7
VDD
VIH(4)
S16 to S51
Output P-channel
Tr. OFF
4.5 to 6.0 0.3VDD
+1.0
VDD
VIH(5)
P70 Weak signal input
Output disable
4.5 to 6.0 0.75VDD
VDD
VIH(6)
Port 70
Watchdog timer
Output disable
4.5 to 6.0 0.9VDD
VDD
Input high
voltage
VIH(7)
XT1, XT2, CF1, RES
4.5 to 6.0 0.75VDD
VDD
VIL(1)
•Port 0,3: CMOS output
option
•Port 8
Output disable
4.5 to 6.0
VSS
0.15VDD
+0.4
VIL(2)
Port 0,3: N-ch open drain
output
Output disable
4.5 to 6.0
VSS
0.15VDD
+0.4
VIL(3)
•Port 1
•Port 71,72,73
•P70 port input/interrupt
Output disable
4.5 to 6.0
VSS
0.1VDD
+0.4
VIL(4)
S16 to S51
Output P-channel
Tr. OFF
4.5 to 6.0
-35
0.2VDD
VIL(5)
Port 87 weak signal input Output disabled
4.5 to 6.0
VSS
0.25VDD
VIL(6)
Port 70
Watchdog timer
Output disabled
4.5 to 6.0
VSS
0.8VDD
-1.0
Input low
voltage
VIL(7)
XT1,XT2,CF1, RES
4.5 to 6.0
VSS
0.25VDD
V
Operation
cycle time
tCYC
4.5 to 6.0
0.294
200
µs
•CF2 open circuit
•system clock
divider set to 1/1
•external clock
DUTY = 50±50%
4.5 to 6.0
0.1
10
MHz
External system
clock
frequency
fEXCF(1)
CF1
•CF2 open circuit
•system clock
divider set to 1/2
4.5 to 6.0
0.2
20
Continued


同様の部品番号 - LC876678B

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC876696A SANYO-LC876696A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
LC8766B2A SANYO-LC8766B2A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
More results

同様の説明 - LC876678B

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com