データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si8244CB-C-IS1 データシート(PDF) 9 Page - Silicon Laboratories

部品番号 Si8244CB-C-IS1
部品情報  CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8244CB-C-IS1 データシート(HTML) 9 Page - Silicon Laboratories

Back Button Si8244CB-C-IS1 Datasheet HTML 5Page - Silicon Laboratories Si8244CB-C-IS1 Datasheet HTML 6Page - Silicon Laboratories Si8244CB-C-IS1 Datasheet HTML 7Page - Silicon Laboratories Si8244CB-C-IS1 Datasheet HTML 8Page - Silicon Laboratories Si8244CB-C-IS1 Datasheet HTML 9Page - Silicon Laboratories Si8244CB-C-IS1 Datasheet HTML 10Page - Silicon Laboratories Si8244CB-C-IS1 Datasheet HTML 11Page - Silicon Laboratories Si8244CB-C-IS1 Datasheet HTML 12Page - Silicon Laboratories Si8244CB-C-IS1 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Si824x
Rev. 0.2
9
Table 4. Insulation and Safety-Related Specifications
Parameter
Symbol
Test Condition
Value
Unit
NBSOIC-16
2.5 kVRMS
Nominal Air Gap
(Clearance)1
L(1O1)
4.01
mm
Nominal External Tracking (Creepage)1
L(1O2)
4.01
mm
Minimum Internal Gap
(Internal Clearance)
0.011
mm
Tracking Resistance
(Proof Tracking Index)
PTI
IEC60112
600
V
Erosion Depth
ED
0.019
mm
Resistance
(Input-Output)2
RIO
1012
Capacitance
(Input-Output)2
CIO
f=1MHz
1.4
pF
Input Capacitance3
CI
4.0
pF
Notes:
1. The values in this table correspond to the nominal creepage and clearance values as detailed in “7. Package Outline:
16-Pin Narrow Body SOIC” . VDE certifies the clearance and creepage limits as 4.7 mm minimum for the NB SOIC-16.
UL does not impose a clearance and creepage minimum for component level certifications. CSA certifies the clearance
and creepage limits as 3.9 mm minimum for the NB SOIC 16.
2. To determine resistance and capacitance, the Si824x is converted into a 2-terminal device. Pins 1–8 are shorted
together to form the first terminal and pins 9–16 are shorted together to form the second terminal. The parameters are
then measured between these two terminals.
3. Measured from input pin to ground.
Table 5. IEC 60664-1 (VDE 0884 Part 2) Ratings
Parameter
Test Conditions
Specification
NB SOIC-16
Basic Isolation Group
Material Group
I
Installation Classification
Rated Mains Voltages < 150 VRMS
I-IV
Rated Mains Voltages < 300 VRMS
I-III
Rated Mains Voltages < 400 VRMS
I-II
Rated Mains Voltages < 600 VRMS
I-II


同様の部品番号 - Si8244CB-C-IS1

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI8244 SILABS-SI8244 Datasheet
1Mb / 12P
   PERFORMANCE IMPROVEMENTS IN CLASS D AUDIO AMPLIFIERS
logo
Skyworks Solutions Inc.
SI8244 SKYWORKS-SI8244 Datasheet
2Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
More results

同様の説明 - Si8244CB-C-IS1

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI824X SILABS-SI824X Datasheet
1Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Skyworks Solutions Inc.
SI824X SKYWORKS-SI824X Datasheet
2Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
logo
International Rectifier
IRS20124S IRF-IRS20124S Datasheet
218Kb / 24P
   DIGITAL AUDIO DRIVER WITH DISCRETE DEAD-TIME AND PROTECTION
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
ISL6745A INTERSIL-ISL6745A Datasheet
197Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
logo
NXP Semiconductors
TDA8939TH PHILIPS-TDA8939TH Datasheet
99Kb / 21P
   Zero dead time Class-D 7.5 A power comparator
Rev. 01-22 April 2004
logo
Renesas Technology Corp
ISL6745A RENESAS-ISL6745A Datasheet
589Kb / 13P
   Improved Bridge Controller with Precision Dead Time Control
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
[Old version datasheet]   Half Bridge Gate Driver with Programmable Dead-Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com