データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC89086M データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC89086M
部品情報  8 Bit A/D Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89086M データシート(HTML) 3 Page - Sanyo Semicon Device

  LC89086M Datasheet HTML 1Page - Sanyo Semicon Device LC89086M Datasheet HTML 2Page - Sanyo Semicon Device LC89086M Datasheet HTML 3Page - Sanyo Semicon Device LC89086M Datasheet HTML 4Page - Sanyo Semicon Device LC89086M Datasheet HTML 5Page - Sanyo Semicon Device LC89086M Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The analog signal (AIN) is acquired on the falling edge of the clock input (CLK). The acquired analog signal is
converted to a digital code and is output from the digital outputs (D8 to D1, OF) on the clock falling edge delayed three
clock cycles from the clock cycle in which the analog signal was acquired.
No. 5428-3/6
LC89086M
Timing Chart
TWH
TWL
TAP
Td
1.5 V
1.5 V
N
N + 1
N + 2
N + 3
N – 4
N – 3
N –2
N – 1
N
Clock input
(CLK)
Analog input
(AIN)
Digital output
(D8 to D1,OF)
TOE
High impedance
1.5V
Output enable input
(OEB)
Digital output
(D8 to D1,OF)
TOD
A09018
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Resolution
Res
8
bit
Maximum conversion rate
Fs
20
MSPS
Linearity error
LE
DC accuracy
±1.0
LSB
Differential linearity error
DLE
DC accuracy
±1.0
LSB
Offset voltage
Voffset
DC accuracy
10
50
90
mV
Power dissipation
Pd
Fs = 20 MSPS
150
220
mW
Electrical AC Characteristics 2
at Ta = 25
°C, AV
DD = DVDD = 5 V, AVSS = DVSS = 0 V, VrefH = 2 V, VrefL = 0 V
Note: Test circuits must conform to the sample application circuit.


同様の部品番号 - LC89086M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC89080 SANYO-LC89080 Datasheet
107Kb / 8P
   Video Signal 3-Channel 8-Bit D/A Converter
LC89080Q SANYO-LC89080Q Datasheet
107Kb / 8P
   Video Signal 3-Channel 8-Bit D/A Converter
More results

同様の説明 - LC89086M

メーカー部品番号データシート部品情報
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
logo
Texas Instruments
DAC0808 TI1-DAC0808 Datasheet
350Kb / 14P
[Old version datasheet]   8-Bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_17 Datasheet
299Kb / 9P
   8-Bit A/D Converter
logo
Zarlink Semiconductor I...
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
   8-BIT D-A CONVERTER
logo
Analog Devices
AD673 AD-AD673 Datasheet
278Kb / 8P
   8-Bit A/D Converter
REV. A
logo
Rohm
BA9101S ROHM-BA9101S Datasheet
128Kb / 4P
   8-bit A/D Converter
logo
Analog Devices
AD673 AD-AD673_15 Datasheet
265Kb / 8P
   8-Bit A/D Converter
REV. A
logo
National Semiconductor ...
DAC0808 NSC-DAC0808_99 Datasheet
309Kb / 12P
   8-Bit D/A Converter
logo
NXP Semiconductors
PCA9691 NXP-PCA9691 Datasheet
604Kb / 31P
   8-bit A/D and D/A converter
Rev. 02-27 January 2010
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com