データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC895125Q データシート(PDF) 11 Page - Sanyo Semicon Device

部品番号 LC895125Q
部品情報  CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895125Q データシート(HTML) 11 Page - Sanyo Semicon Device

Back Button LC895125Q Datasheet HTML 3Page - Sanyo Semicon Device LC895125Q Datasheet HTML 4Page - Sanyo Semicon Device LC895125Q Datasheet HTML 5Page - Sanyo Semicon Device LC895125Q Datasheet HTML 6Page - Sanyo Semicon Device LC895125Q Datasheet HTML 7Page - Sanyo Semicon Device LC895125Q Datasheet HTML 8Page - Sanyo Semicon Device LC895125Q Datasheet HTML 9Page - Sanyo Semicon Device LC895125Q Datasheet HTML 10Page - Sanyo Semicon Device LC895125Q Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PS No. 5241-11/11
LC895125Q, 895125W
This catalog provides information as of February, 1996. Specifications and information herein are subject to
change without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.
5. CD DSP Data Pins
• BCK, SDATA, LRCK, C2PO (input)
The LC895125 reads in CD-ROM data over these pins connected to a CD DSP.
C2PO is the C2 flag pin.
6. Other Pins
• ZRESET (input)
Reset input to the LC895125. The LC895125 is reset by a low-level input.
This pin must be held low for a period of at least 1 µs when power is first applied.
• XTALCK0, XTAL0
The main clock for the ECC and SCSI blocks. These pins support frequencies from 16.9344 to 25 MHz.
When a double-frequency input is used, these pins accept frequencies up to 38 MHz.
Use a double-frequency input when a ceramic oscillator and DRAM are used.
(This is because the internal clock must have a 50% duty.)
An external clock may input to the XTALCK pin.
The SCSI block main clock can also be provided from XTALCK1 and XTAL1 if so specified by the setting of
X1EN (pin 89).
• XTALCK1, XTAL1
The main clock for the ECC and SCSI blocks. These pins are enabled for oscillator operation by setting X1EN (pin
89). The LC895125 is designed so that the ECC and SCSI blocks can also be operated asynchronously.
This means that precise 10-MB/s synchronous transfers can be achieved by providing a 20-MHz input to
XTALCK1 and XTAL1.
A ceramic oscillator may be used here since only the rising edge of this signal is used.
In applications that do not use these pins, XTALCK1 must be tied to VSS and XTAL1 must be left open.
• X1EN (input)
Set this pin to 1 to us use XTALCK1 and XTAL1 for the SCSI block main clock.
Set this pin to 0 to drive both the ECC and SCSI blocks from XTALCK0 and XTAL0.
• MCK (output)
Outputs either the XTALCK0 frequency or that frequency divided by 2. This pin’s output can also be stopped if
desired.


同様の部品番号 - LC895125Q

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
LC895127K SANYO-LC895127K Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
More results

同様の説明 - LC895125Q

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
logo
Sony Corporation
CXD1198AQ SONY-CXD1198AQ Datasheet
426Kb / 51P
   CD-ROM Subcode Decoder
logo
Sanyo Semicon Device
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC89517K SANYO-LC89517K Datasheet
114Kb / 5P
   Built-in Subcode Interface CD-ROM/CD-I Error Correction LSI
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com