データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC895127 データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LC895127
部品情報  40 x CD-ROM Decoder with SCSI Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895127 データシート(HTML) 6 Page - Sanyo Semicon Device

  LC895127 Datasheet HTML 1Page - Sanyo Semicon Device LC895127 Datasheet HTML 2Page - Sanyo Semicon Device LC895127 Datasheet HTML 3Page - Sanyo Semicon Device LC895127 Datasheet HTML 4Page - Sanyo Semicon Device LC895127 Datasheet HTML 5Page - Sanyo Semicon Device LC895127 Datasheet HTML 6Page - Sanyo Semicon Device LC895127 Datasheet HTML 7Page - Sanyo Semicon Device LC895127 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
No. 6236-6/8
LC895127, 895127K
Continued from preceding page.
Pin No.
Pin
I/O
Function
108
VSS1
P
109
VDD
P
110
VSS0
P
111
RAS0
O
Buffer RAM RAS signal output 0
112
VDD
P
113
CAS0
O
Buffer RAM CAS signal output 0 (Normally held fixed at 0 (low).)
114
CAS1
O
Buffer RAM RAS signal output 1
115
OE
O
Buffer RAM output enable
116
UWE (RA9)
O
Buffer RAM upper write enable (RA9 when 8M or more DRAM is used.)
117
LWE
O
Buffer RAM lower write enable
118
VSS0
P
119
RA0
O
120
RA1
O
121
RA2
O
122
RA3
O
Buffer RAM address signal outputs
123
RA4
O
124
RA5
O
125
RA6
O
126
VDD
P
127
VSS0
P
128
RA7
O
Buffer RAM address signal outputs
129
RA8
O
130
IO15
B
131
IO14
B
132
IO13
B
133
IO12
B
Buffer RAM data I/O
134
IO11
B
These pins have built-in pull-up resistors.
135
IO10
B
136
IO9
B
137
IO8
B
138
VSS0
P
139
IO7
B
140
IO6
B
Buffer RAM data I/O
141
IO5
B
These pins have built-in pull-up resistors.
142
IO4
B
143
IO3
B
144
VDD
P
Unused ("NC") pins must be left open.
Pins whose name is under a bar operate with inverted (negative) logic.
VSS0 is the logic system ground and VSS1 is the SCSI interface driver ground.
If DRAM is used, applications must adopt measures to prevent undershoot and other DRAM problems. Such measures include inserting resistors in the RAS
and CAS lines and inserting capacitors between VSS pins.
See the article on Designing with the Latest Microcontrollers and Memory in special issue number 25 of Transistor Technology for details on these measures.
Since this device includes buffers that sink a current of 48 mA, applications must take adequate noise prevention measures.


同様の部品番号 - LC895127

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125Q SANYO-LC895125Q Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125W SANYO-LC895125W Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
More results

同様の説明 - LC895127

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
CXD1808AQ SONY-CXD1808AQ Datasheet
1Mb / 53P
   CD-ROM DECODER
CXD1186CQ SONY-CXD1186CQ Datasheet
454Kb / 46P
   CD-ROM Decoder
CXD1804BR SONY-CXD1804BR Datasheet
813Kb / 103P
   CD-ROM Decoder
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com