データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC895195 データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC895195
部品情報  ATA-PI (IDE) CD-ROM Decoder LSI
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895195 データシート(HTML) 3 Page - Sanyo Semicon Device

  LC895195 Datasheet HTML 1Page - Sanyo Semicon Device LC895195 Datasheet HTML 2Page - Sanyo Semicon Device LC895195 Datasheet HTML 3Page - Sanyo Semicon Device LC895195 Datasheet HTML 4Page - Sanyo Semicon Device LC895195 Datasheet HTML 5Page - Sanyo Semicon Device LC895195 Datasheet HTML 6Page - Sanyo Semicon Device LC895195 Datasheet HTML 7Page - Sanyo Semicon Device LC895195 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
No. 5192-3/8
LC895195
Pin Functions
Type: I: Input pin, O: Output pin, B: Bidirectional pin, P: Power supply pin, NC: No connection pin
Note: 1. NC (no connection) pins must be left open.
2. Pin names (signal names) that begin with a Z have negative (inverted) logic.
3. VSS0 is the logic system ground and VSS1 is the IDE interface driver ground.
Pin No.
Symbol
Type
Function
1
VSS0
P
2
ZRAS0
O
Buffer DRAM RAS signal output 0 (This pin is used normally.)
3
ZRAS1
O
Buffer DRAM RAS signal output 1
4
VSS0
P
5
ZCAS0
O
Buffer DRAM CAS signal output 0 (This pin is used normally.)
6
ZCAS1
O
Buffer DRAM CAS signal output 1
7
VSS0
P
8
ZOE
O
Buffer RAM output enable
9
ZUWE
O
Buffer RAM upper write enable
10
ZLWE
O
Buffer RAM lower write enable
11
RA0
O
12
RA1
O
13
RA2
O
14
RA3
O
RA0 to RA6 are the data buffer DRAM address signal output.
15
RA4
O
16
RA5
O
17
RA6
O
18
VDD
P
19
VSS0
P
20
RA7
O
21
RA8
O
RA7 to RA9 are the data buffer DRAM address signal output.
22
RA9
O
23
VSS0
P
24
TEST0
NC
25
NC
26
TEST1
NC
27
TEST2
NC
28
TEST3
NC
29
NC
30
IO0
B
31
IO1
B
Data buffer DRAM data I/O
32
IO2
B
These pins have built-in pull-up resistors.
33
IO3
B
34
IO4
B
35
IO5
B
36
VSS0
P
37
VDD
P
38
IO6
B
39
IO7
B
40
IO8
B
41
IO9
B
Data buffer DRAM data I/O
42
IO10
B
These pins have built-in pull-up resistors.
43
IO11
B
44
IO12
B
45
IO13
B
46
IO14
B
47
IO15
B
48
EXCK
O
SUB-CODE I/O
49
WFCK
I
50
SBSO
I


同様の部品番号 - LC895195

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
LC895196 SANYO-LC895196 Datasheet
146Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895196K SANYO-LC895196K Datasheet
144Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
More results

同様の説明 - LC895195

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
LC895196 SANYO-LC895196 Datasheet
146Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895196K SANYO-LC895196K Datasheet
144Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com