データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC895195 データシート(PDF) 7 Page - Sanyo Semicon Device

部品番号 LC895195
部品情報  ATA-PI (IDE) CD-ROM Decoder LSI
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895195 データシート(HTML) 7 Page - Sanyo Semicon Device

  LC895195 Datasheet HTML 1Page - Sanyo Semicon Device LC895195 Datasheet HTML 2Page - Sanyo Semicon Device LC895195 Datasheet HTML 3Page - Sanyo Semicon Device LC895195 Datasheet HTML 4Page - Sanyo Semicon Device LC895195 Datasheet HTML 5Page - Sanyo Semicon Device LC895195 Datasheet HTML 6Page - Sanyo Semicon Device LC895195 Datasheet HTML 7Page - Sanyo Semicon Device LC895195 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
No. 5192-7/8
LC895195
• ZSWAIT (output)
When the microcontroller is accessing RAM, the sub-CPU must wait if this pin is low.
• D7 to D0 (I/O)
Microcontroller data bus. Pull-up resistors are built in.
• ZINT (output)
Interrupt request signal output to the microcontroller. A pull-up resistor is built in.
• ZINT1 (output)
Interrupt request signal output from the IDE block to the microcontroller. An external pull-up resistor must be
connected to this pin.
3. Buffer RAM Pins
• IO0 to IO15 (I/O)
Buffer DRAM data bus. A pull-up resistor is built in.
• RA0 to RA9 (output)
Buffer RAM address lines.
• ZRAS0, ZRAS1 (output)
Buffer DRAM RAS outputs. Normally, ZRAS0 is used, but if two 1-Mb (64k
× 16 bits) chips are used, then both
ZRAS0 and ZRAS1 are used, one for each of the chips.
• ZCAS0, ZCAS1 (output)
Buffer DRAM CAS outputs. Normally, ZCAS0 is used, but if two 1-Mb (64k
× 16 bits) chips are used, then both
ZCAS0 and ZCAS1 are used, one for each of the chips. When using a two-CAS type DRAM, connect ZCAS0 to
UCAS, and ZCAS1 to LCAS.
• ZOE (output)
Buffer DRAM read output signal.
• ZUWE, ZLWE (output)
Buffer DRAM write output signals. Connected the corresponding DRAM pins.
4. Subcode Interface Pins
• EXCK, WFCK, SBSO, SCOR (input or output)
These are the subcode interface connections. The LC895195 acquires subcode data by connection with the CD-
DSP and sends that data to the host.
5. CD-DSP Data Pins
• BCK, SDATA, LRCK, C2PO (input)
The LC895195 reads in the CD-ROM data by connecting to the CD-DSP.
The C2PO pin is used for the C2 flags.
6. Other Pins
• ZRESET (input)
This is the LC895195 reset pin. The LC895195 is reset by a low level on this pin.
This pin must be held low for at least 1 µs when power is first applied.
• XTALCK, XTAL
These pins can drive a 16.9344-MHz or 33.8688-MHz oscillator.
Alternatively, an external clock can be input to the XTALCK pin.
• MCK (output)
This pin outputs either the XTALCK frequency or that frequency divided by 2. This output can be turned off.
• MCK2 (output)
This pin outputs either the XTALCK frequency or that frequency divided by 512. This output can be turned off.
• ZRSTIC (output)
This pin can be set to output a low level either by writing to the microcontroller write register R46 bit 7
(ZSYSRTS) or by setting the ZHRST pin (pin 103) low. This pin goes to the high-impedance state when both
ZSYSRST and ZHRST are high.
Since this pin has an open-drain circuit, an external pull-up resistor must be used.


同様の部品番号 - LC895195

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
LC895196 SANYO-LC895196 Datasheet
146Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895196K SANYO-LC895196K Datasheet
144Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
More results

同様の説明 - LC895195

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
LC895196 SANYO-LC895196 Datasheet
146Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895196K SANYO-LC895196K Datasheet
144Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com