データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC895196K データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LC895196K
部品情報  ATA-PI Compatible CD-ROM Decoder IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895196K データシート(HTML) 5 Page - Sanyo Semicon Device

  LC895196K Datasheet HTML 1Page - Sanyo Semicon Device LC895196K Datasheet HTML 2Page - Sanyo Semicon Device LC895196K Datasheet HTML 3Page - Sanyo Semicon Device LC895196K Datasheet HTML 4Page - Sanyo Semicon Device LC895196K Datasheet HTML 5Page - Sanyo Semicon Device LC895196K Datasheet HTML 6Page - Sanyo Semicon Device LC895196K Datasheet HTML 7Page - Sanyo Semicon Device LC895196K Datasheet HTML 8Page - Sanyo Semicon Device LC895196K Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
No. 5852-5/12
LC895196K
Pin No.
Symbol
Type
Function
47
C2PO
I
48
SDATA
I
CD-DSP interface
49
BCK
I
50
LRCK
I
51
EXCK
O
52
WFCK
I
Subcode I/O
53
SBSO
I
54
VDD
P
55
VSS0
P
56
SCOR
I
Subcode I/O
57
NC
58
NC
59
NC
60
MCK
O
XTALCK1 1/1, 1/2 and STOP output
61
TEST0
I
Test input pin. Connect to VSS.
62
TEST1
I
63
CSEL
I
ATAPI control signal
64
ZRSTIC
O
Reset signal to the drive reset IC
65
CSCTRL
I
Microcontroller-side CS active low/high select pin
66
MCK2
O
XTALCK0 1/1, 1/2, 1/5, 1/512 and STOP output
67
MCK3
O
XTALCK0 1/1, 1/5, 2/5, 1/512 and STOP output
68
VSS0
P
69
NC
70
XTALCK0
I
X’tal oscillator circuit input
71
XTAL0
O
X’tal oscillator circuit input
72
VSS0
P
73
VDD
P
74
ZRESET
I
LSI reset
75
ZRD
I
Microcontroller data read signal input
76
ZWR
I
Microcontroller data write signal input
77
ZCS
I
Input pin for the register chip select signal from the microcontroller
78
VSS0
P
79
SUA0
I
80
SUA1
I
81
SUA2
I
82
SUA3
I
Microcontroller register select signals
83
SUA4
I
84
SUA5
I
85
SUA6
I
86
D0
B
87
D1
B
Microcontroller data signals.
88
D2
B
Built-in pull-up resistors.
89
D3
B
90
VDD
P
91
VSS0
P
92
D4
B
93
D5
B
Microcontroller data signals.
94
D6
B
Built-in pull-up resistors.
95
D7
B
96
ZINT0
O
Output pin for interrupt request signal to the microcontroller (set by the ECC-side registers)
97
ZINT1
O
Output pin for interrupt request signal to the microcontroller (set by the ATAPI-side registers)
98
ZSWAIT
O
Wait signal to the microcontroller
99
ZRSTCPU
O
Reset signal to the CPU
100
XTAL1
I
X’tal oscillator circuit input
Continued from preceding page.
Continued on next page.


同様の部品番号 - LC895196K

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC895196 SANYO-LC895196 Datasheet
146Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
More results

同様の説明 - LC895196K

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC895196 SANYO-LC895196 Datasheet
146Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
logo
Sanyo Semicon Device
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
logo
Sony Corporation
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
CXD1808AQ SONY-CXD1808AQ Datasheet
1Mb / 53P
   CD-ROM DECODER
CXD1186CQ SONY-CXD1186CQ Datasheet
454Kb / 46P
   CD-ROM Decoder
CXD1804BR SONY-CXD1804BR Datasheet
813Kb / 103P
   CD-ROM Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com