データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

38D5-FMV データシート(PDF) 4 Page - Renesas Technology Corp

部品番号 38D5-FMV
部品情報  Standard Characteristics (Flash Memory Version)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D5-FMV データシート(HTML) 4 Page - Renesas Technology Corp

  38D5-FMV Datasheet HTML 1Page - Renesas Technology Corp 38D5-FMV Datasheet HTML 2Page - Renesas Technology Corp 38D5-FMV Datasheet HTML 3Page - Renesas Technology Corp 38D5-FMV Datasheet HTML 4Page - Renesas Technology Corp 38D5-FMV Datasheet HTML 5Page - Renesas Technology Corp 38D5-FMV Datasheet HTML 6Page - Renesas Technology Corp 38D5-FMV Datasheet HTML 7Page - Renesas Technology Corp 38D5-FMV Datasheet HTML 8Page - Renesas Technology Corp 38D5-FMV Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
38D5 Group Standard Characteristics (Flash Memory Version)
M38D59FFFFP/HP
When system is operating in low-speed mode (crystal oscillation, ceramic oscillation stop, Ta = 25 °C, output transistor is in the cut-off state)
Fig. 9. Vcc-Icc (low-speed mode)
At WIT instruction executed (crystal oscillation, ceramic oscillation stop, Ta = 25 °C, output transistor is in the cut-off state)
Fig. 10. Vcc-Icc (at WIT instruction executed)
A/D conversion not executed
Power Source Voltage Vcc [V]
Power Source Voltage Vcc [V]
f(XCIN) = 32.768 kHz
0
50
100
150
200
250
300
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
f(XCIN) = 32.768 kHz
0
2
4
6
8
10
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
REJ99B1344-0200
©2007. Renesas Technology Corp., All rights reserved.
November 2007
Page 4 of 26


同様の部品番号 - 38D5-FMV

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38D5 RENESAS-38D5_07 Datasheet
406Kb / 28P
   Standard Characteristics Example
38D5 RENESAS-38D5_08 Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

同様の説明 - 38D5-FMV

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
38D2-FMV RENESAS-38D2-FMV Datasheet
394Kb / 28P
   Standard Characteristics (Flash Memory Version)
3803H RENESAS-3803H Datasheet
244Kb / 11P
   (QzROM version) Standard Characteristics
3850A RENESAS-3850A_08 Datasheet
278Kb / 9P
   (QzROM version) Standard Characteristics
logo
Mitsubishi Electric Sem...
M37753FFCFP MITSUBISHI-M37753FFCFP Datasheet
525Kb / 67P
   SINGLE CHIP 16 BIT CMOS MICROCOMPUTER FLASH MEMORY VERSION
M37754FFCGP MITSUBISHI-M37754FFCGP Datasheet
605Kb / 68P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER FLASH MEMORY VERSION
M37920FCCGP MITSUBISHI-M37920FCCGP Datasheet
1Mb / 158P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER FLASH MEMORY VERSION
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com